Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 11Page - Cirrus Logic CS89712 Datasheet HTML 12Page - Cirrus Logic CS89712 Datasheet HTML 13Page - Cirrus Logic CS89712 Datasheet HTML 14Page - Cirrus Logic CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic CS89712 Datasheet HTML 17Page - Cirrus Logic CS89712 Datasheet HTML 18Page - Cirrus Logic CS89712 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 170 page
background image
CS89712
DS502PP2
15
ignored) of all the bytes in the Reset Configuration
Block, excluding the checksum byte. This sum in-
cludes the Reset Configuration Block header at ad-
dress 00h. Since the checksum is calculated as the
2’s complement of the sum of all preceding bytes in
the Reset Configuration Block, a total of 0 should
result when the checksum value is added to the sum
of the previous bytes.
2.6.6
EEPROM Example
Table 5 shows an example of a Reset Configuration
Block stored in a C46 EEPROM. Note that little-
endian word ordering is used, i.e., the least signifi-
cant word of a multiword datum is located at the
lowest address.
2.6.7
EEPROM Read-out
If the EEDI pin is asserted high at the end of reset,
the Ethernet port reads the first word of EEPROM
data by:
1) Asserting EECS.
2) Clocking out a Read-Register-00h command
on EEDO (EESK provides a 1 MHz serial
clock signal).
3) Clocking the data in on EEDI.
If the EEDI pin is low at the end of the reset signal,
the Ethernet port does not perform an EEPROM
read-out (uses its default configuration).
2.6.7.1
Determining EEPROM Size
The Ethernet port determines the size of the EE-
PROM by checking the sense of EEDI on the tenth
rising edge of EESK. If EEDI is low, the EEPROM
is a ’C46 or ’CS46. If EEDI is high, the EEPROM
is a ’C56, ’CS56, ’C66, or ’CS66.
2.6.7.2
Loading Configuration Data
The Ethernet port reads in the first word from the
EEPROM to determine if configuration data is con-
tained in the EEPROM. If configuration data is not
stored in the EEPROM, the Ethernet port termi-
nates initialization from EEPROM and operates us-
ing its default configuration (See Table 2). If
configuration data is stored in EEPROM, the Ether-
net port automatically loads all configuration data
stored in the Reset Configuration Block into its in-
ternal Ethernet Port registers.
2.6.8
EEPROM Read-out Completion
Once all the configuration data are transferred to
the appropriate Ethernet Port registers, the Ethernet
port performs a checksum calculation to verify the
Reset Configuration Blocks data are valid. If the re-
sulting total is 0, the read-out is considered valid.
Otherwise, the Ethernet port initiates a partial reset
to restore the default configuration.
If the read-out is valid, the EEPROMOK bit
(SelfST register, bit A) is set. EEPROMOK is
10
3 2
5
4
76
First Word of a Group of Words
98
BA
DC
F E
Number of Words
in Group
0
0
9-bit PacketPage Address
0
Figure 3. Group Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com