Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 81Page - Cirrus Logic CS89712 Datasheet HTML 82Page - Cirrus Logic CS89712 Datasheet HTML 83Page - Cirrus Logic CS89712 Datasheet HTML 84Page - Cirrus Logic CS89712 Datasheet HTML 85Page - Cirrus Logic CS89712 Datasheet HTML 86Page - Cirrus Logic CS89712 Datasheet HTML 87Page - Cirrus Logic CS89712 Datasheet HTML 88Page - Cirrus Logic CS89712 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 170 page
background image
CS89712
DS502PP2
85
3.5.3
SYSCON3 System Control Register 3 (address 0x8000.2200)
This register allows additional control for the CS89712. The bits of this register are defined in Table 38.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
Reserved
ENPD67
128Fs
FASTWAKE
76
5
4
3
2
1
0
VERSN[2]
Reserved
VERSN[1]
Reserved
VERSN[0]
Reserved
ADCCKNSEN
DAISEL
CLKCTL1
CLKCTL0
ADCCON
Bit
Description
0
ADCCON: Determines whether the ADC Configuration Extension field SYNCIO(31:16) is to be
used for ADC configuration data. When this bit = 0 (default state) the ADC Configuration Byte
SYNCIO(7:0) only is used for compatibility with the CL-PS7111. When this bit = 1, the ADC Con-
figuration Extension field in the SYNCIO register is used for ADC Configuration data and the
value in the ADC Configuration Byte (SYNCIO(6:0)) selects the length of the data (8-bit to 16-bit).
1:2
CLKCTL(1:0): Determines the frequency of operation of the processor and Wait State scaling.
The table below lists the available options.
Note: To determine the number of wait states programmed refer to Table 46 and Table 47. Under
no circumstances should the CLKCTL bits be changed using a buffered write.
3
DAISEL: When set selects the DAI Interface. When cleared selects either the SSI or telephony
codec interface (i.e., DAISEL bit is default low).
4
ADCCKNSEN: When set, configuration data is transmitted on ADCOUT at the rising edge of the
ADCCLK, and data is read back on the falling edge on the ADCIN pin. When clear (default), the
opposite edges are used.
5:7
VERSN[0:2]: Additional read-only version bits — will read ‘000’
8
Reserved. This bit must be set to zero
9
128Fs: When set, this selects the 128 fs mode. Cleared by default to enable 64 fs operation.
10
ENPD67: Pd[6-7] control the byte mask of the SDRAM interface. Setting of this bit allows their
use as GPIO bits for applications not using SDRAM.
Table 39. SYSCON3
CLKCTL(1:0)
Value
Processor
Frequency
Memory Bus
Frequency
Wait State Scaling
00
18.432 MHz
18.432 MHz
1
01
36.864 MHz
36.864 MHz
2
10
49.152 MHz
36.864 MHz
2
11
73.728 MHz
36.864 MHz
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com