Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 64Page - Cirrus Logic CS89712 Datasheet HTML 65Page - Cirrus Logic CS89712 Datasheet HTML 66Page - Cirrus Logic CS89712 Datasheet HTML 67Page - Cirrus Logic CS89712 Datasheet HTML 68Page - Cirrus Logic CS89712 Datasheet HTML 69Page - Cirrus Logic CS89712 Datasheet HTML 70Page - Cirrus Logic CS89712 Datasheet HTML 71Page - Cirrus Logic CS89712 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 170 page
background image
CS89712
68
DS502PP2
3. REGISTER SET
The 89712 contains multiple register ranges.
An 8 kbyte segment of memory in the range
0x8000.0000 to 0x8000.3FFF is for registers that
control non-Ethernet functions. Section 3.1 gives
an overview of these while Sections 3.3 through
3.16 provide register bit details.
Ethernet port registers are accessed through two
separate ranges: a 16 byte window of eight registers
and a 4 Kbyte page of registers. Section 3.2 ex-
plains Ethernet Port register access, and Sections
3.17 to 3.20 give bit details.
3.1 Non-Ethernet Registers
Table 31 shows the internal non-Ethernet registers
of the CS89712 when the CPU is configured to a
little endian memory system. Table 32 shows the
differences that occur when the CPU is configured
to a big endian memory system for byte-wide ac-
cess to Ports A, B, and D. All the internal registers
are inherently little endian (i.e., the least significant
byte is attached to bits 7 to 0 of the data bus).
Hence, the system Endianness affects the addresses
required for byte accesses to the internal registers,
resulting in a reversal of the byte address required
to read/write a particular byte within a register.
There is no effect on the register addresses for word
accesses. Bits A[1:0] of the internal address bus are
only decoded for Ports A, B, and D (to allow
read/write to individual ports). For all other regis-
ters, bits A[1:0] are not decoded, so that byte reads
will return the whole register contents onto the
CS89712’s internal bus, from where the appropri-
ate byte (according to the endianness) will be read.
To avoid the additional complexity, it is preferable
to perform all internal register accesses as word op-
erations, except for ports A to D which are explic-
itly designed to operate with byte accesses, as well
as with word accesses.
Writes to bits that are not explicitly defined in the
internal area are legal and will have no effect.
Reads from bits not explicitly defined in the inter-
nal area are legal but will read undefined values.
All the internal addresses should only be accessed
as 32-bit words and are always on a word bound-
ary, except for the PIO port registers, which can be
accessed as bytes. Address bits in the range A[0:5]
are not decoded (except for Ports A–D), this means
each internal register is valid for 64 bytes (i.e., the
SYSFLG1
register
appears
at
locations
0x8000.0140 to 0x8000.017C). There are some
gaps in the register map but registers located next
to a gap are still only decoded for 64 bytes.
The GPIO port registers are byte-wide and can be
accessed as a word but not as a half-word. These
registers additionally decode A[1:0].
Note: All byte-wide registers should be accessed as
words (except Port A to Port D registers, which are
designed to work in both word and byte modes).
All register bit alignment starts from the LSB of the
register (i.e., they are all right shift justified).
The registers which interact with the 32 kHz clock or
which could change during readback (i.e., RTC data
registers, SYSFLG1 register (lower 6-bits only), the
TC1D and TC2D data registers, port registers, and
interrupt status registers), should be read twice and
compared to ensure that a stable value has been read.
All internal registers are reset to zero by a system
reset (i.e., nPOR, nURESET, or nPWRFL signals
becoming active), except for the DRAM refresh pe-
riod register (DPFPR), the Real-Time Clock data
register (RTCDR), and the match register (RTC-
MR), which are only reset by nPOR becoming ac-
tive. This ensures that the DRAM contents and
system time are preserved through a user reset or
power fail condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com