Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 76Page - Cirrus Logic CS89712 Datasheet HTML 77Page - Cirrus Logic CS89712 Datasheet HTML 78Page - Cirrus Logic CS89712 Datasheet HTML 79Page - Cirrus Logic CS89712 Datasheet HTML 80Page - Cirrus Logic CS89712 Datasheet HTML 81Page - Cirrus Logic CS89712 Datasheet HTML 82Page - Cirrus Logic CS89712 Datasheet HTML 83Page - Cirrus Logic CS89712 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
CS89712
80
DS502PP2
Bit
Description
0:3
Keyboard scan: This 4-bit field defines the state of the keyboard column drives. The following
table defines these states.
4
TC1M: Timer counter 1 mode. Setting this bit sets TC1 to prescale mode, clearing it sets free run-
ning mode.
5
TC1S: Timer counter 1 clock source. Setting this bit sets the TC1 clock source to 512 kHz, clear-
ing it sets the clock source to 2 kHz.
6
TC2M: Timer counter 2 mode. Setting this bit sets TC2 to prescale mode, clearing it sets free run-
ning mode.
7
TC2S: Timer counter 2 clock source. Setting this bit sets the TC2 clock source to 512 kHz, clear-
ing it sets the clock source to 2 kHz.
8
UART1EN: Internal UART enable bit. Setting this bit enables the internal UART.
9
BZTOG: Bit to drive (i.e., toggle) the buzzer output directly when software mode of operation is
selected (i.e., bit BZMOD = 0). See the BZMOD and BUZFREQ (SYSCON1) bits for more
details.
10
BZMOD: This bit selects the buzzer drive mode. When BZMOD = 0, the buzzer drive output pin
is connected directly to the BZTOG bit. This is the software mode. When BZMOD = 1, the buzzer
drive is in the hardware mode. Two hardware sources are available to drive the pin. They are the
TC1 or a fixed internally generated clock source. The selection of which source is used to drive
the pin is determined by the state of the BUZFREQ bit in the SYSCON2 register. If the TC1 is
selected, then the buzzer output pin is connected to the TC1 under flow bit. The buzzer output
pin changes every time the timer wraps around. The frequency depends on what was pro-
grammed into the timer. See the description of the BUZFREQ and BZTOG bits (SYSCON2) for
more details.
Table 37. SYSCON1
Keyboard Scan
Column
0
All driven high
1
All driven low
2–7
All high impedance (tristate)
8
Column 0 only driven high all others high impedance
9
Column 1 only driven high all others high impedance
10
Column 2 only driven high all others high impedance
11
Column 3 only driven high all others high impedance
12
Column 4 only driven high all others high impedance
13
Column 5 only driven high all others high impedance
14
Column 6 only driven high all others high impedance
15
Column 7 only driven high all others high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com