Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 3Page - Cirrus Logic CS89712 Datasheet HTML 4Page - Cirrus Logic CS89712 Datasheet HTML 5Page - Cirrus Logic CS89712 Datasheet HTML 6Page - Cirrus Logic CS89712 Datasheet HTML 7Page - Cirrus Logic CS89712 Datasheet HTML 8Page - Cirrus Logic CS89712 Datasheet HTML 9Page - Cirrus Logic CS89712 Datasheet HTML 10Page - Cirrus Logic CS89712 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 170 page
background image
CS89712
DS502PP2
7
2. FUNCTIONAL DESCRIPTION
2.1 CPU Core
The ARM720T consists of an ARM7TDMI 32-bit
RISC processor, a unified 8 kbyte cache, and a
memory management unit (MMU). The cache is
four-way set associative organized as 512 lines
with each line being 16 bytes. The cache is directly
connected to the ARM7TDMI, and therefore cach-
es the virtual address from the CPU. When the
cache misses, the MMU translates the virtual ad-
dress into a physical address. A 64-entry translation
lookaside buffer (TLB) is utilized to speed the ad-
dress translation process and reduce bus traffic nec-
essary to read the page table. The MMU saves
power by only translating cache misses.
See the ARM720T Data sheet for a complete de-
scription of the various logic blocks that make up
the processor, as well as all internal registers.
2.2 State Control
The CS89712 supports the following Power Man-
agement States: Operating, Idle, and Standby (see
Figure 2). There is also a state called the Doze
State, however it is a temporary execution state.
The normal program execution state is the Operat-
ing State, which is a full performance state where
all of the clocks and peripheral logic are enabled.
The Idle State is the same as the Operating State
with the exception of the CPU clock being halted,
and only an external interrupt will return it back to
the Operating State. The Standby State has the low-
est power consumption of the three states. By se-
lecting this mode the main oscillator shuts down,
leaving only the Real-Time Clock and its associat-
ed logic powered. When the CS89712 is in Standby
all power and ground pins should remain connected
to power and ground in order to have a proper sys-
tem wake-up. The only state that Standby can tran-
sition to is the Operating State.
2.2.1
Standby State
The Standby State equates to the system being
switched "off" (i.e., no display, and the main oscil-
lator is shut down). The PLL will be shut down.
In the Standby State, all the system memory and
state is maintained and the system time is kept up-
to-date. The PLL/on-chip oscillator or external os-
cillator is disabled and the system is static, except
for the low-power watch crystal (32 kHz) oscillator
and divider chain to the RTC and LED flasher. The
RUN signal is driven low, therefore this signal can
be used externally in the system to power down
other system modules.
Whenever the CS89712 is in the Standby State, the
external address and data buses are forced low in-
ternally by the RUN signal. This is done to prevent
peripherals that are powered down from draining
Figure 2. State Diagram
Standby
Operating
Idle
Interrupt or rising wakeup
Write to standby location,
power fail, or user reset
In
te
rr
up
t
Write to halt location
nPOR, power fail,
or user reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com