Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 30Page - Cirrus Logic CS89712 Datasheet HTML 31Page - Cirrus Logic CS89712 Datasheet HTML 32Page - Cirrus Logic CS89712 Datasheet HTML 33Page - Cirrus Logic CS89712 Datasheet HTML 34Page - Cirrus Logic CS89712 Datasheet HTML 35Page - Cirrus Logic CS89712 Datasheet HTML 36Page - Cirrus Logic CS89712 Datasheet HTML 37Page - Cirrus Logic CS89712 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 170 page
background image
CS89712
34
DS502PP2
ceive (SDIN) pins. This is synchronously con-
trolled by either the PLL or the external clock.
These fixed frequencies pass through a program-
mable divider network which will create the appro-
priate values for SCLK, LRCLK, and MCLK for
the desired sample frequency. Examples of sample
frequencies are shown in Table 24. Register
DAI64Fs enables/disables the bit clock frequency
of 64 fs (and the other features as shown in Figure
7), but must be complemented by SYSCON3 bit 9
which will enable/disable 128 fs. To enable one
rate, you must disable the other.
2.17.2.2
DAI Frame Format
Each DAI frame is 128 bits long and comprises one
audio sample. Of this 128-bit frame, only 32 bits
are used for digital audio data. The remaining bits
are output as zeros. The LRCK signal is used as a
Note: To connect the port to any of the 4 features shown above, a minimum software configuration shown in the
table above must be observed. Each register column contains the bit name (bit #) that must be cleared or
set for each feature as shown in the column. This table does not complete the programming for each of the
features, but allows access to the port only. The interrupt masks for these features will have to be
programmed as well.
FEATURE
SYSCON3
DAIR (DAI)
DAI64 fs
SYSCON2
DAI –128 fs
DAISEL[3] (H)
DAIEN[16] (H)
I2SF64[0] (L)
(X)
128Fs[9] (H)
DAI-64 fs
DAISEL[3] (H)
DAIEN[16] (H)
I2SF64[0] (H)
(X)
128Fs[9] (L)
SSI2
DAISEL[3] (L)
DAIEN[16] (L)
(X)
SERSEL[0] (L)
CODEC
DAISEL[3] (L)
DAIEN[16] (L)
(X)
SERSEL[0] (H)
Table 23. Matrix for Programming the MUX
128 fs
Audio Bit
Clock (MHz)
64 fs
Audio Bit
Clock (MHz)
Clock Source
(MHz)
Sample
Frequency (KHz)
128 fs Divisor
(AUDDIV)
64 fs Divisor
(AUDDIV)
1.0240
0.5120
73.728
8
36
72
1.4112
0.7056
11.2896
11.025
8
16
1.5360
0.7680
73.728
16
18
36
2.8224
1.4112
11.2896
22.025
4
8
3.0720
1.5360
73.728
24
12
24
4.0960
2.0480
73.728
32
9
18
5,6448
2.8224
11.2896
44.1
2
4
6.1440
3.0720
73.728
48
6
12
Table 24. Relationship between Audio Clocks / Clock Source / Sample Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com