Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 33Page - Cirrus Logic CS89712 Datasheet HTML 34Page - Cirrus Logic CS89712 Datasheet HTML 35Page - Cirrus Logic CS89712 Datasheet HTML 36Page - Cirrus Logic CS89712 Datasheet HTML 37Page - Cirrus Logic CS89712 Datasheet HTML 38Page - Cirrus Logic CS89712 Datasheet HTML 39Page - Cirrus Logic CS89712 Datasheet HTML 40Page - Cirrus Logic CS89712 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 170 page
background image
CS89712
DS502PP2
37
data rate, the required interrupt rate will be greater
than 1 msec, which is acceptable.
There are separate half-word-wide RX and TX
FIFOs (16 half-words each) and corresponding in-
terrupts which are generated when the FIFO’s are
half-full or half-empty as appropriate. The inter-
rupts are called SS2RX and SS2TX, respectively.
Register SS2DR is used to access the FIFOs.
There are five pins to support this SSI port: SSIRX-
DA, SSITXFR, SSICLK, SSITXDA, and SSIRX-
FR. The SSICLK, SSIRXDA, SSIRXFR, and
SSITXFR signals are inputs and the SSITXDA sig-
nal is an output in slave mode. In the master mode,
SSICLK, SSITXDA, SSITXFR, and SSIRXFR are
outputs, and SSIRXDA is an input. Master mode is
enabled by writing a one to the SS2MAEN bit
(SYSCON2[9]). When the master / slave SSI is not
required, it can be disabled to save power by writ-
ing a zero to the SS2TXEN and the SS2RXEN bits
(SYSCON2[4] [7]). When set, these two bits inde-
pendently enable the transmit and receive sides of
the interface. The master/slave SSI is synchronous,
full duplex, and capable of supporting serial data
transfers between two nodes. Although the inter-
face is byte-oriented, data is loaded in blocks of
two bytes at a time. Each data byte to be transferred
is marked by a frame sync pulse, lasting one clock
period, and located one clock prior to the first bit
being transferred. Direction of the SSI2 ports, in
slave and master mode, is shown in Figure 9.
Data on the link is sent MSB first and coincides
with an appropriate frame sync pulse, one clock in
duration, located one clock prior to the first data bit
(MSB). It is not possible to send data LSB first.
When operating in master mode, the clock frequen-
cy is selected to be the same as the ADC interface’s
(master mode only SSI1) — that is, the frequencies
are selected by the same bits 16 and 17 of the
SYSCON1 register (i.e., the ADCKSEL bits).
Thus, the maximum frequency in master mode is
128 kbits/s. The interface will support continuous
transmission at this rate assuming that the OS can
respond to the interrupts within 1 msec to prevent
over/underruns.
Note:
To allow synchronization to the incoming slave
clock, the interface enable bits will not take
effect until one SSICLK cycle after they are
written and the value read back from
SYSCON2. The enable bits reflect the real
status of the enables internally. Hence, there
will be a delay before the new value
programmed to the enable bits can be read
back.
The timing diagram for this interface can be found
in Section 6.3.
Figure 9. SSI2 Port Directions in Slave and Master Mode
Slave 7211
SSIRXFR
SSITXFR
SSICLK
SSIRXDA
SSITXDA
Master 7211
SSIRXFR
SSITXFR
SSICLK
SSITXDA
SSIRXDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com