Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 80Page - Cirrus Logic CS89712 Datasheet HTML 81Page - Cirrus Logic CS89712 Datasheet HTML 82Page - Cirrus Logic CS89712 Datasheet HTML 83Page - Cirrus Logic CS89712 Datasheet HTML 84Page - Cirrus Logic CS89712 Datasheet HTML 85Page - Cirrus Logic CS89712 Datasheet HTML 86Page - Cirrus Logic CS89712 Datasheet HTML 87Page - Cirrus Logic CS89712 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 170 page
background image
CS89712
84
DS502PP2
7
SS2RXEN: Receive enable for the synchronous serial interface 2. The receive side of SSI2 will
be disabled until this bit is set. When both SSI2TXEN and SSI2RXEN are disabled, the SSI2
interface will be in a power saving state.
8
UART2EN: Internal UART2 enable bit. Setting this bit enables the internal UART2.
9
SS2MAEN: Master mode enable for the synchronous serial interface 2. When low, SSI2 will be
configured for slave mode operation. When high, SSI2 will be configured for master mode opera-
tion. This bit also controls the directionality of the interface pins.
10
SNZPOL: Snooze State LCD data polarity bit. When low, the LCD controller will put out ‘0000’ on
the DD[3:0] outputs during the blanked parts of the display in Snooze State. When high, ‘1111’
will be output instead. This is to allow the connection of displays with inverse polarity. During nor-
mal Operating State, an inverse polarity display is handled by appropriate programming of the
palette, and this bit will have no effect.
11
LCDSNZE: This bit is normally set low, but will be automatically set high on entering Snooze
State. While this bit is high, data will be fetched from the on-chip SRAM for the display. When
Snooze State is exited, this bit will have been set high and this will have the effect of causing the
LCD controller to continue to fetch data from the on-chip SRAM, in 1-bit-per-pixel mode, irrespec-
tive of the contents of the LCDCON register. This ensures that the display does not change on
exit from Snooze State, so that if the exit is for a simple update-on-interrupt operation the display
need not be affected. Additional arbitration is included so that the on-chip SRAM can be written to
while the LCDSNZE bit is set after Snooze State. If the exit from Snooze State has occurred
because the device was to be completely woken up, including switching to the main LCD frame
buffer, (whose start address is defined in the FBADDR register) then this can be achieved by writ-
ing a 0 to the LCDSNZE bit, which will cause the CL-CS89712 to start fetching DMA data from
the main buffer and sync up the display at the end of the following frame. The LCDSNZE bit can
never be programmed to 1 by the CPU — the value ‘1’ will be ignored.
12
Reserved: This bit should be set low.
13
CLKENSL: CLKEN select. When low, the CLKEN signal will be output on the RUN/CLKEN pin.
When high, the RUN signal will be output on RUN/CLKEN.
14
BUZFREQ: The BUZFREQ bit is used to select which hardware source will be used as the
source to drive the buzzer output pin. When BUZFREQ = 0, the buzzer signal generated from the
on-chip timer (TC1) is output. When BUZFREQ = 1, a 500 Hz clock is output. See the BZMOD
and the BZTOG bits (SYSCON2) for more details.
Bit
Description
Table 38. SYSCON2 (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com