Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 65Page - Cirrus Logic CS89712 Datasheet HTML 66Page - Cirrus Logic CS89712 Datasheet HTML 67Page - Cirrus Logic CS89712 Datasheet HTML 68Page - Cirrus Logic CS89712 Datasheet HTML 69Page - Cirrus Logic CS89712 Datasheet HTML 70Page - Cirrus Logic CS89712 Datasheet HTML 71Page - Cirrus Logic CS89712 Datasheet HTML 72Page - Cirrus Logic CS89712 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 170 page
background image
CS89712
DS502PP2
69
Address
Name
Default
RD/WR
Size
Comments
0x8000.0000
PADR
0
RW
8
Port A data register.
0x8000.0001
PBDR
0
RW
8
Port B data register.
0x8000.0002
—
—
8
Reserved.
0x8000.0003
PDDR
0
RW
8
Port D data register.
0x8000.0040
PADDR
0
RW
8
Port A data direction register.
0x8000.0041
PBDDR
0
RW
8
Port B data direction register.
0x8000.0042
—
—
8
Reserved.
0x8000.0043
PDDDR
0
RW
8
Port D data direction register.
0x8000.0080
PEDR
0
RW
3
Port E data register.
0x8000.00C0
PEDDR
0
RW
3
Port E data direction register.
0x8000.0100
SYSCON1
0
RW
32
System control register 1.
0x8000.0140
SYSFLG1
0
RD
32
System status flags register 1.
0x8000.0180
MEMCFG1
0
RW
32
Expansion memory configuration register 1.
0x8000.01C0
MEMCFG2
0
RW
32
Expansion memory configuration register 2.
0x8000.0200
0
RW
32
Reserved.
0x8000.0240
INTSR1
0
RD
32
Interrupt status register 1.
0x8000.0280
INTMR1
0
RW
32
Interrupt mask register 1.
0x8000.02C0
LCDCON
0
RW
32
LCD control register.
0x8000.0300
TC1D
0
RW
16
Read / Write register sets and reads data to TC1.
0x8000.0340
TC2D
0
RW
16
Read / Write register sets and reads data to TC2.
0x8000.0380
RTCDR
—
RW
32
Real Time Clock data register.
0x8000.03C0
RTCMR
—
RW
32
Real Time Clock match register.
0x8000.0400
PMPCON
0
RW
12
PWM pump control register.
0x8000.0440
CODR
0
RW
8
CODEC data I/O register.
0x8000.0480
UARTDR1
0
RW
16
UART1 FIFO data register.
0x8000.04C0
UBLCR1
0
RW
32
UART1 bit rate and line control register.
0x8000.0500
SYNCIO
0
RW
32
Synchronous serial I/O data register for master
only SSI.
0x8000.0540
PALLSW
0
RW
32
Least significant 32-bit word of LCD palette register.
0x8000.0580
PALMSW
0
RW
32
Most significant 32-bit word of LCD palette register.
0x8000.05C0
STFCLR
—
WR
—
Write to clear all start up reason flags.
0x8000.0600
BLEOI
—
WR
—
Write to clear battery low interrupt.
0x8000.0640
MCEOI
—
WR
—
Write to clear media changed interrupt.
0x8000.0680
TEOI
—
WR
—
Write to clear tick and watchdog interrupt.
0x8000.06C0
TC1EOI
—
WR
—
Write to clear TC1 interrupt.
0x8000.0700
TC2EOI
—
WR
—
Write to clear TC2 interrupt.
0x8000.0740
RTCEOI
—
WR
—
Write to clear RTC match interrupt.
Table 31. CS89712 Internal Registers (Little Endian Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com