Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 45Page - Cirrus Logic CS89712 Datasheet HTML 46Page - Cirrus Logic CS89712 Datasheet HTML 47Page - Cirrus Logic CS89712 Datasheet HTML 48Page - Cirrus Logic CS89712 Datasheet HTML 49Page - Cirrus Logic CS89712 Datasheet HTML 50Page - Cirrus Logic CS89712 Datasheet HTML 51Page - Cirrus Logic CS89712 Datasheet HTML 52Page - Cirrus Logic CS89712 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
CS89712
DS502PP2
49
2.26.4.2
Runt Frame
If a frame is received that is shorter than 64 bytes,
the Runt bit (RxEvent register, Bit D) is set. If the
RuntA bit (RxCTL register, Bit D) is set, the frame
will still be buffered by Ethernet port. If the RuntiE
bit (RxCFG bit D) is set, an interrupt is generated.
2.26.4.3
Extra Data
If a frame is received that is longer than 1518 bytes,
the Extradata bit (RxEvent register, Bit E) is set. If
the ExtradataA bit (RxCTL register, Bit E) is set,
the first 1518 bytes of the frame will still be buff-
ered by Ethernet port. If the ExtradataiE bit (Rx-
CFG register Bit E) is set, an interrupt is generated.
2.26.4.4
Dribble Bits and Alignment Error
Under normal operating conditions, the MAC may
detect up to 7 additional bits after the last full byte
of a receive packet. These bits, known as dribble
bits, are ignored. If dribble bits are detected, the
Dribblebit bit (RxEvent register, Bit 7) is set. If
both the Dribblebits bit and CRCerror bit (RxEvent
register Bit C) are set at the same time, an align-
ment error has occurred.
2.26.5
Media Access Management
The Ethernet network topology is a single shared
medium with several attached stations. The Ether-
net protocol is designed to allow each station equal
access to the network at any given time. Any node
can attempt to gain access to the network by first
completing a deferral process (described below) af-
ter the last network activity, and then transmitting a
packet that will be received by all other stations. If
two nodes transmit simultaneously, a collision oc-
curs and the colliding packets are corrupted. Two
primary tasks of the MAC are to avoid network col-
lisions, and then recover when they occur.
2.26.5.1
Collision Avoidance
The MAC continually monitors network traffic by
checking for the presence of carrier activity (carrier
activity is indicated by the assertion of the internal
Carrier Sense signal generated by the ENDEC). If
carrier activity is detected, the network is assumed
busy and the MAC must wait until the current
packet is finished before attempting transmission.
The Ethernet port supports two schemes for deter-
mining when to initiate transmission: Two-Part De-
ferral, and Simple Deferral. Selection of the
deferral scheme is determined by the 2-partDefDis
bit (LineCTL register bit D). If the 2-partDefDis bit
is clear, the MAC uses a two-part deferral process
defined in section 4.2.3.2.1 of the Ethernet standard
(ISO/IEC 8802-3, 1993). If the 2-partDefDis bit is
set, the MAC uses a simplified deferral scheme.
Both schemes are described below:
2.26.5.2
Two-Part Deferral
In the two-part deferral process, the 9.6 µs Inter
Packet Gap (IPG) timer is started whenever the in-
ternal Carrier Sense signal is deasserted. If activity
is detected during the first 6.4 µs of the IPG timer,
the timer is reset and then restarted once the activi-
ty has stopped. If there is no activity during the first
6.4 µs of the IPG timer, the IPG timer is allowed to
time out (even if network activity is detected during
the final 3.2 µs). The MAC then begins transmis-
sion if a transmit packet is ready and if it is not in
Backoff (Backoff is described later in this section).
If no transmit packet is pending, the MAC contin-
ues to monitor the network. If activity is detected
before a transmit frame is ready, the MAC defers to
the transmitting station and resumes monitoring the
network.
The two-part deferral scheme was developed to
prevent the possibility of the IPG being shortened
due to a temporary loss of carrier. Figure 14 dia-
grams the two-part deferral process.
2.26.5.3
Simple Deferral
In the simple deferral scheme, the IPG timer is
started whenever Carrier Sense is deasserted. Once
the IPG timer is finished (after 9.6 µs), if a transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com