Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 87Page - Cirrus Logic CS89712 Datasheet HTML 88Page - Cirrus Logic CS89712 Datasheet HTML 89Page - Cirrus Logic CS89712 Datasheet HTML 90Page - Cirrus Logic CS89712 Datasheet HTML 91Page - Cirrus Logic CS89712 Datasheet HTML 92Page - Cirrus Logic CS89712 Datasheet HTML 93Page - Cirrus Logic CS89712 Datasheet HTML 94Page - Cirrus Logic CS89712 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
CS89712
DS502PP2
91
3.6.3
INTSR2 Interrupt Status Register 2 (address 0x8000.1240)
This register is an extension of INTSR1, containing status bits for backward compatibility with CL-PS7111. The in-
terrupt status register also reflects the current state of the new interrupt sources within the CS89712. Each bit is set
if the appropriate interrupt is active. The interrupt assignment is given in Table 43.
3.6.4
INTMR2 Interrupt Mask Register 2 (address 0x8000.1280)
This register is an extension of INTMR1, containing interrupt mask bits for the backward compatibility with the CL-
PS7111. Please refer to INTSR2 for individual bit details.
15:14
13
12
11:3
2
1
0
Reserved
URXINT2
UTXINT2
Reserved
SS2TX
SS2RX
KBDINT
Bit
Description
0
KBDINT: Keyboard interrupt. This interrupt is generated whenever a key is pressed, from the log-
ical OR of the first 6 or all 8 of the Port A inputs (depending on the state of the KBD6 bit in the
SYSCON2 register. The interrupt request is latched and can be de-asserted by writing to the
KBDEOI location.
Note: KBDINT is not deglitched.
1
SS2RX: Synchronous serial interface 2 receives FIFO half or greater full interrupt. This is gener-
ated when RX FIFO contains 8 or more half-words. This interrupt is cleared only when the RX
FIFO is emptied or one SSI2 clock after RX is disabled.
2
SS2TX: Synchronous serial interface 2 transmit FIFO less than half empty interrupt. This is gen-
erated when TX FIFO contains fewer than 8 byte pairs. This interrupt gets cleared by loading the
FIFO with more data or disabling the TX. One synchronization clock required when disabling the
TX side before it takes effect.
12
UTXINT2: UART2 transmit FIFO half empty interrupt. The function of this interrupt source
depends on whether the UART2 FIFO is enabled. If the FIFO is disabled (FIFOEN bit is clear in
the UART2 bit rate and line control register), this interrupt will be active when there is no data in
the UART2 TX data holding register and be cleared by writing to the UART2 data register. If the
FIFO is enabled, this interrupt will be active when the UART2 TX FIFO is half or more empty and
is cleared by filling the FIFO to at least half full.
13
URXINT2: UART2 receive FIFO half full interrupt. The function of this interrupt source depends
on whether the UART2 FIFO is enabled. If the FIFO is disabled, this interrupt will be active when
there is valid RX data in the UART2 RX data holding register and be cleared by reading this data.
If the FIFO is enabled, this interrupt will be active when the UART2 RX FIFO is half or more full or
if the FIFO is non-empty, and no more characters have been received for a three-character time-
out period, t is cleared by reading all the data from the RX FIFO.
Table 43. INSTR2
15:14
13
12
11:3
2
1
0
Reserved
URXINT2
UTXINT2
Reserved
SS2TX
SS2RX
KBDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com