Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 49Page - Cirrus Logic CS89712 Datasheet HTML 50Page - Cirrus Logic CS89712 Datasheet HTML 51Page - Cirrus Logic CS89712 Datasheet HTML 52Page - Cirrus Logic CS89712 Datasheet HTML 53Page - Cirrus Logic CS89712 Datasheet HTML 54Page - Cirrus Logic CS89712 Datasheet HTML 55Page - Cirrus Logic CS89712 Datasheet HTML 56Page - Cirrus Logic CS89712 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 170 page
background image
CS89712
DS502PP2
53
inating
the
need
for
external
filters
or
a
filter/transformer hybrid. On-chip filters are gm/c
implementations of fifth-order Butterworth low-
pass filters. Internal tuning circuits keep the gm/c
ratio tightly controlled, even when large tempera-
ture, supply, and IC process variations occur. The
nominal 3 dB cutoff frequency of the filters is
16 MHz, and the nominal attenuation at 30 MHz
(3rd harmonic) is -27 dB.
2.28.2
Transmitter
When
configured
for
10BASE-T
operation,
Manchester encoded data from the ENDEC is fed
into the transmitter’s predistortion circuit where
initial wave shaping and preequalization is per-
formed. The output of the predistortion circuit is
fed into the transmit filter where final wave shaping
occurs and unwanted noise is removed. The signal
then passes to the differential driver where it is am-
plified and driven out of the TXD+/TXD- pins.
In the absence of transmit packets, the transmitter
generates link pulses in accordance with section
14.2.1.1. of the Ethernet standard. Transmitted link
pulses are positive pulses, one bit time wide, typi-
cally generated at a rate of one every 16 ms. The
16 ms timer starts whenever the transmitter com-
pletes an End-of-Frame (EOF) sequence. Thus,
there is a link pulse 16 ms after an EOF unless there
is another transmitted packet. Figure 18 diagrams
the operation of the Link Pulse Generator.
RXSQL
RX
TX
Link Pulse
Detector
TX Pre-
Distortion
RX Squelch
RX
Comparator
TX Filters
Filter Tuning
RX Filters
TX Drivers
RXD-
RXD+
TXD-
TXD+
ENDEC
LinkOK
(to MAC)
10BASE-T Transceiver
Figure 17. 10BASE-T Transceiver
Time
Link
Pulse
Link
Pulse
16ms
16ms
Less Than
16ms
Packet
Packet
Figure 18. Link Pulse Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com