Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic CS89712 Datasheet HTML 22Page - Cirrus Logic CS89712 Datasheet HTML 23Page - Cirrus Logic CS89712 Datasheet HTML 24Page - Cirrus Logic CS89712 Datasheet HTML 25Page - Cirrus Logic CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic CS89712 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 170 page
background image
CS89712
24
DS502PP2
nals nRAS nCAS, and nWE are provided for
SDRAM. Two chip selects are provided for sup-
porting up to 2 rows of SDRAMs. The SDRAM
devices are put into self-refresh mode when the
SDRAM controller is put into standby. The
SDRAM clock is halted as well.
The controller supports read, write, refresh, pre-
charge and mode register write requests to the
SDRAM.
Data is transferred to and from the
SDRAM as unbroken quad accesses (either quad
word or for 16 bit memory, quad halfword), which
is a convenient data packet size for the ARM cache
line fills. For the CPU to read smaller than a quad
access, the SDRAM controller will discard the ex-
tra data. For CPU writes smaller than a quad ac-
cess, the SDQM pins (SDRAM data byte mask
selects) are used to force the SDRAMs to ignore in-
valid data. For CPU access sizes larger than a quad
access, multiple quad accesses are issued to the
SDRAM.
The SDRAM controller can access a total memory
size of 2-64 Mbytes. Each individual SDRAM
should be NEC or compatible SDRAM memory in
sizes of 16-256 Mbits, arranged as shown in
Table 14 and Table 15.
Chip selects for row 1 SDRAMs should be con-
nected to nSDCS[0]. If row 2 is used, these devices
should connect to nSDCS[1].
For 32-bit memory access, four SDQM data byte
mask selects are provided to control individual byte
lanes within each row. For 16-bit memory access
only, SDQM[1:0] are used. For a 32-bit memory
access configuration with each row containing two
16-bit wide SDRAMs, the high order SDRAM
should have UDQM (upper SDQM) connected to
SDQM[3] and LDQM (lower SDQM) connected to
SDQM[2]. The low order SDRAM follows the
same convention:
USDQM is connected to
SDQM[1], and LDQM is connected to SDQM[0].
Memory address line multiplexing is done internal-
ly so that the address mapping is contiguous.
Table 16 indicates how the SDRAM address pins
are connected to the CPU’s address pins. Note that
small SDRAM devices will not use all of these
pins. For example, A[12:11] may not be required.
However, the bank select pins BA[1:0], are re-
quired by all SDRAMs. Smaller devices may only
have one bank, so BA1 may not be needed.
SDRAM details
Arrangement of SDRAMs
(C = # Columns of SDRAM, R = # Rows of SDRAM, D = # of SDRAMs)
4 Mbytes
8 Mbytes
16 Mbytes
32 Mbytes
64 Mbytes
Density
(Mbits)
Width
(bits)
CR
DCRD
CRD
CRDC
R
D
16
4
818
84
1
4
16
2
1
2
64
4
81
8
8
4144
2
8
16
212
224
32
11
1122
128
4
8
41
4
Table 14. SDRAM Configurations (SDRAM 32-Bit Memory Interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com