Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 74Page - Cirrus Logic CS89712 Datasheet HTML 75Page - Cirrus Logic CS89712 Datasheet HTML 76Page - Cirrus Logic CS89712 Datasheet HTML 77Page - Cirrus Logic CS89712 Datasheet HTML 78Page - Cirrus Logic CS89712 Datasheet HTML 79Page - Cirrus Logic CS89712 Datasheet HTML 80Page - Cirrus Logic CS89712 Datasheet HTML 81Page - Cirrus Logic CS89712 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 170 page
background image
CS89712
78
DS502PP2
Notes: 1. All registers are accessed as 16-bit only.
2. Read operation from the reserved location provides undefined data. Writing to a reserved location or
undefined bits may result in unpredictable operation.
3.4 I/O Port Data Registers
3.4.1
PADR Port A Data Register (address 0x8000.0000)
Values written to this 8-bit read / write register will be output on Port A pins if the corresponding data direc-
tion bits are set high (port output). Values read from this register reflect the external state of Port A, not nec-
essarily the value written to it. All bits are cleared by a system reset.
3.4.2
PBDR Port B Data Register (address 0x8000.0001)
Values written to this 8-bit read / write register will be output on Port B pins if the corresponding data direc-
tion bits are set high (port output). Values read from this register reflect the external state of Port B, not nec-
essarily the value written to it. All bits are cleared by a system reset.
0138
2
RD
Bus Status
0140h
4
-
Reserved
Note 2
Initiate Transmit Registers
0144h
2
WR
TxCMD (transmit
command)
Section 3.19,
“Initiate Transmit Registers”,
Section 2.34,
“Transmit Operation”
0146h
2
WR
TxLength (transmit length)
Section 3.19,
“Initiate Transmit Registers”,
Section 2.34,
“Transmit Operation”
0148h
8
-
Reserved
Note 2
Address Filter Registers
0150h
8
RW
Logical Address Filter
(hash table)
Section 3.20,
“Address Filter Registers”,
Section 2.32.7,
“Receive Ethernet Port
Locations”
0158h
6
RW
Individual Address
Section 3.20,
“Address Filter Registers”,
Section 2.32.7,
“Receive Ethernet Port
Locations”
015Eh
674
-
Reserved
Note 2
Frame Location
0400h
2
RD
RXStatus (receive status)
Section 3.18,
“Ethernet Port Status/Control
Registers”,
Section 2.32,
“Basic Receive Operation”
0402h
2
Read-only RxLength (receive length,
in bytes)
Section 3.18,
“Ethernet Port Status/Control
Registers”,
Section 2.32,
“Basic Receive Operation”
0404h
-
Read-only Receive Frame Location
Section 3.18,
“Ethernet Port Status/Control
Registers”,
Section 2.32,
“Basic Receive Operation”
0A00
-
Write-only Transmit Frame Location
Section 3.18,
“Ethernet Port Status/Control
Registers”,
Section 2.34,
“Transmit Operation”
Internal
Offset
# of
Bytes
Type
Description
Cross Reference
Table 36. Ethernet Port 4 Kbyte Memory Register Address Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com