Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 22Page - Cirrus Logic CS89712 Datasheet HTML 23Page - Cirrus Logic CS89712 Datasheet HTML 24Page - Cirrus Logic CS89712 Datasheet HTML 25Page - Cirrus Logic CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic CS89712 Datasheet HTML 28Page - Cirrus Logic CS89712 Datasheet HTML 29Page - Cirrus Logic CS89712 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 170 page
background image
CS89712
26
DS502PP2
2.13 SDRAM Initialization
The SDRAM is initialized in the power-on se-
quence as follows:
1) To stabilize internal circuits when power is ap-
plied, a 200+
µs pause must precede any signal
toggling.
2) After the pause, all banks must be precharged
using the Precharge command (including the
precharge all banks command).
3) Once the precharge is complete, and the mini-
mum tRP is satisfied, the mode register can be
programmed. After the mode register set cycle,
tRSC (2 CLK minimum) pause must be satis-
fied as well. (Only required for NEC SDRAM)
4) Eight or more refresh cycles must be per-
formed.
2.14 CL-PS6700 PC Card Interface
Two of the expansion memory areas are dedicated
to supporting up to two CL-PS6700 PC Card con-
troller devices. These are selected by nCS4 and
nCS5 (must first be enabled by bits 5 and 6 of
SYSCON2). For efficient, low power operation,
both address and data are carried on the lower 16
bits of the CS89712 data bus. Accesses are initiated
by a write or read from the area of memory allocat-
ed for nCS4 or nCS5. The memory map within
each of these areas is segmented to allow different
types of PC Card accesses to take place, for at-
tribute, I/O, and common memory space. The CL-
PS6700 internal registers are memory mapped
within the address space as shown in Table 17.
Note:
Due to the operating speed of the CL-PS6700,
this interface is supported only for a processor
speed of 18 MHz.
A complete description of the protocol and AC tim-
ing characteristics can be found in the CL-PS6700
data sheet. A transaction is initiated by an access to
the nCS4 or nCS5 area. The chip select is asserted,
and on the first clock, the upper 10 bits of the PC
Card address, along with 6 bits of size, space, and
slot information are put out onto the lower 16 bits
SDRAM Address
Pins
CS89712 Pin Names
A0.
a27/dra0
A1.
a26/dra1
A2.
a25/dra2
A3.
a24/dra3
A4.
a23/dra4
A5.
a22/dra5
A6.
a21/dra6
A7.
a20/dra7
A8.
a19/dra8
A9.
a18/dra9
A10.
a17/dra10
A11.
a16/dra11
A12.
a15/dra12
BA0.
a14/dra13
BA1.
a13/dra14
Table 16. SDRAM Address Pin Connections
Access Type
Addresses for CL-PS6700 Interface 1
Addresses for CL-PS6700 Interface 2
Attribute
0x4000.0000–0x43FF.FFFF
0x5000.0000– 0x53FF.FFFF
I/O
0x4400.0000–0x47FF.FFFF
0x5400.0000–0x57FF.FFFF
Common memory
0x4800.0000–0x4BFF.FFFF
0x5800.0000–0x5BFF.FFFF
CL-PS6700 registers
0x4C00.0000–0x4FFF.FFFF
0x5C00.0000–0x5FFF.FFFF
Table 17. CL-PS6700 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com