Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic CS89712 Datasheet HTML 28Page - Cirrus Logic CS89712 Datasheet HTML 29Page - Cirrus Logic CS89712 Datasheet HTML 30Page - Cirrus Logic CS89712 Datasheet HTML 31Page - Cirrus Logic CS89712 Datasheet HTML 32Page - Cirrus Logic CS89712 Datasheet HTML 33Page - Cirrus Logic CS89712 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 170 page
background image
CS89712
30
DS502PP2
2.16 Internal UARTs and SIR Encoder
The CS89712 contains two built-in UARTs that of-
fers similar functionality to National Semiconduc-
tor’s 16C550A device. Both UARTs can support
bit rates of up to 115.2 kbits/s and include two 16-
byte FIFOs: one for receive and one for transmit.
One of the UARTs (UART1) supports the three
modem control input signals CTS, DSR, and DCD.
The additional RI input, and RTS and DTR output
modem control lines are not explicitly supported
but can be implemented using GPIO ports in the
CS89712. UART2 has only the RX and TX pins.
UART operation and line speeds are controlled by
the UBLCR1 (UART bit rate and line control).
Three interrupts can be generated by UART1: RX,
TX, and modem status interrupts. Only two can be
generated by UART2: RX and TX. The RX inter-
rupt is asserted when the RX FIFO becomes half
full or if the FIFO is non-empty for longer than
three character length times with no more charac-
ters being received. The TX interrupt is asserted if
the TX FIFO buffer reaches half empty. The mo-
dem status interrupt for UART1 is generated if any
of the modem status bits change state. Framing and
parity errors are detected as each byte is received
and pushed onto the RX FIFO. An overrun error
generates an RX interrupt immediately. All error
bits can be read from the 11-bit wide data register.
The FIFOs can also be programmed to be one byte
depth only (i.e., like a conventional 16450 UART
with double buffering).
The CS89712 also contains an IrDA (Infrared Data
Association) SIR protocol encoder as a post-pro-
cessing stage on the output of UART1. This encod-
er can be optionally switched into the TX and RX
signals of UART1, so that these can be used to
drive an infrared interface directly. If the SIR pro-
tocol encoder is enabled, the UART TXD1 line is
held in the passive state and transitions of the
RXD1 line will have no effect. The IrDA output pin
Address
(W/B)
Register
Contents
Byte Lanes to Memory / Ports / Registers
Big Endian Memory
Little Endian Memory
7:0
15:8
23:16
31:24
7:0
15:8
23:16
31:24
Word + 0 (W)
11223344
44
33
22
11
44
33
22
11
Word + 1 (W)
11223344
44
33
22
11
44
33
22
11
Word + 2 (W)
11223344
44
33
22
11
44
33
22
11
Word + 3 (W)
11223344
44
33
22
11
44
33
22
11
Word + 0 (H)
11223344
44
33
44
33
44
33
44
33
Word + 1 (H)
11223344
44
33
44
33
44
33
44
33
Word + 2 (H)
11223344
44
33
44
33
44
33
44
33
Word + 3 (H)
11223344
44
33
44
33
44
33
44
33
Word + 0 (B)
11223344
44
44
44
44
44
44
44
44
Word + 1 (B)
11223344
44
44
44
44
44
44
44
44
Word + 2 (B)
11223344
44
44
44
44
44
44
44
44
Word + 3 (B)
11223344
44
44
44
44
44
44
44
44
Note: Bold indicates active byte lane.
Table 20. Effect of Endianness on Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com