Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 5Page - Cirrus Logic CS89712 Datasheet HTML 6Page - Cirrus Logic CS89712 Datasheet HTML 7Page - Cirrus Logic CS89712 Datasheet HTML 8Page - Cirrus Logic CS89712 Datasheet HTML 9Page - Cirrus Logic CS89712 Datasheet HTML 10Page - Cirrus Logic CS89712 Datasheet HTML 11Page - Cirrus Logic CS89712 Datasheet HTML 12Page - Cirrus Logic CS89712 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 170 page
background image
CS89712
DS502PP2
9
(i.e., the main batteries are low), corresponding to
a low level on nPWRFL or BATOK.
From the Standby State, if the WAKEUP signal is
applied with no clock except the 32 kHz clock run-
ning, the CS89712 will be initialized into a state
where it is ready to start and is waiting for the CPU
to start receiving its clock. The CPU will still be
held in reset at this point. After the first clock is ap-
plied, there will be a delay of about eight clock cy-
cles before the CPU is enabled. This delay allows
the CPU clock to settle.
2.2.1.1
UART in Standby State
During the Standby State, the UARTs are disabled
and cannot detect any activity (i.e., start bit) on the
receiver. If this functionality is required then this
can be accomplished in software by the following
method:
1) Permanently connect the RX pin to one of the
active low external interrupt pins.
2) Ensure that on entry to the Standby State, the
chosen interrupt source is not masked, and the
UART is enabled.
3) Send a preamble that consists of one start bit,
8 bits of zero, and one stop bit. This will cause
the CS89712 to wake and execute the enabled
interrupt vector.
The UART will automatically be re-enabled when
the processor re-enters the Operating State, and the
preamble will be received. Since the UART was
not awake at the start of the preamble, the timing of
the sample point will be off-center during the pre-
amble byte. However, the next byte transmitted
will be correctly aligned. Thus, the actual first real
byte to be received by the UART will be correct.
2.2.2
Idle State
If in the Operating State, the Idle State can be en-
tered by writing to a special internal memory loca-
tion (HALT) in the CS89712. If an interrupt occurs,
the CS89712 will return immediately back to the
Operating State and execute the next instruction.
The WAKEUP signal can not be used to exit the
Idle State. It is only used to exit the Standby State.
In the Idle State, the device functions just like it
does when in the Operating State. However, the
CPU clock is halted while it waits for an event such
as a key press to generate an interrupt. The PLL al-
ways remains active in the Idle State.
2.2.3
Keyboard Interrupt Wakeup
For the case of the keyboard interrupt, the follow-
ing options are available and are selectable accord-
ing to bits 1 and 3 of the SYSCON2 register (refer
to Section 3.5.2 for register details).
•
If the KBWEN bit (SYSCON2 bit 3) is set low,
then a keypress will cause a transition from a
power saving state only if the keyboard inter-
rupt is non-masked (i.e., the interrupt mask reg-
ister 2 (INTMR2 bit 0) is high).
•
When KBWEN is high, a keypress will cause
the device to wake up regardless of the state of
the interrupt mask register. This is called the
“Keyboard Direct Wakeup’ mode. In this
mode, the interrupt request may not get ser-
viced. If the interrupt is masked (i.e., the inter-
rupt mask register 2 (INTMR2 bit 0) is low),
the processor simply starts re-executing code
from where it left off before it entered the pow-
er saving state. If the interrupt is non-masked,
then the processor will service the interrupt.
•
When the KBD6 bit (SYSCON2 bit 1) is low,
all 8 Port A inputs are OR’ed together to pro-
duce the internal wakeup signal and keyboard
interrupt request. This is the default reset state.
•
When the KBD6 bit (SYSCON2 bit 1) is high,
only the lowest 6 bits of Port A are OR’ed to-
gether to produce the internal wakeup signal
and keyboard interrupt request. The two most
significant bits of Port A are available as GPIO
when this bit is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com