Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 13Page - Cirrus Logic CS89712 Datasheet HTML 14Page - Cirrus Logic CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic CS89712 Datasheet HTML 17Page - Cirrus Logic CS89712 Datasheet HTML 18Page - Cirrus Logic CS89712 Datasheet HTML 19Page - Cirrus Logic CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 170 page
background image
CS89712
DS502PP2
17
2.7.2
Dynamic Clock Switching
The clock frequency used for the CPU and the bus-
es is controlled by programming the CLKCTL[1:0]
bits in the SYSCON3 register. When this register is
written, clock switching logic waits until the clock
that is currently in use and the newly programmed
clock source are both low, and then switches from
the previous clock frequency to the new clock with-
out a glitch on the clocks.
2.7.3
Ethernet Port Clock Oscillator
A 20 MHz quartz crystal or CMOS clock input is
required by the Ethernet port. If a CMOS clock in-
put is used, it should be connected the to XTAL1
pin, with the XTAL2 pin left open. The clock sig-
nal should be 20 MHz
±0.01% with a duty cycle
between 40% and 60%. The specifications for the
crystal are described in Section 5.3.
2.8 Interrupt Controller
When unexpected events arise during the execution
of a program (i.e., interrupt or memory fault) an ex-
ception is usually generated. When these excep-
tions occur at the same time, a fixed priority system
determines the order in which they are handled.
Table 6 shows the priority order of the exceptions.
The CS89712 interrupt controller has two interrupt
types: interrupt request (IRQ) and fast interrupt re-
quest (FIQ). The interrupt controller has the ability
to control interrupts from 22 different FIQ and IRQ
sources. Of these, seventeen are mapped to the IRQ
input and five sources are mapped to the FIQ input.
FIQs have a higher priority than IRQs. If two inter-
rupts are received from within the same group (IRQ
or FIQ), the order in which they are serviced must
be resolved in software. All interrupts are level sen-
sitive; that is, they must conform to the following
sequence:
1) The interrupting device (either external or in-
ternal) asserts the appropriate interrupt.
2) If the appropriate bit is set in the interrupt mask
register, then either a FIQ or an IRQ will be as-
EXPCLK
(internal)
RUN
Interrupt /
WAKEUP
CLKEN
Figure 4. CLKEN Timing Exiting the Standby State
t42
Note: t42=0.125 sec. to 0.25 sec.
Priority
Exception
Highest
Reset
.
Data Abort
.FIQ
.IRQ
.
Prefetch Abort
Lowest
Undefined Instruction,
Software Interrupt
Table 6. Exception Priority Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com