Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 67Page - Cirrus Logic CS89712 Datasheet HTML 68Page - Cirrus Logic CS89712 Datasheet HTML 69Page - Cirrus Logic CS89712 Datasheet HTML 70Page - Cirrus Logic CS89712 Datasheet HTML 71Page - Cirrus Logic CS89712 Datasheet HTML 72Page - Cirrus Logic CS89712 Datasheet HTML 73Page - Cirrus Logic CS89712 Datasheet HTML 74Page - Cirrus Logic CS89712 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 170 page
background image
CS89712
DS502PP2
71
1. The following register descriptions refer to Little Endian Mode Only.
3.2 Accessing Ethernet Port Registers
Registers for the Ethernet port are accessed through
two memory ranges; first, a 16-byte window of
eight 16-bit registers (shown in Figure 33) located
at address 0x2000.0300; and additional registers in
a 4 Kbyte internal memory page listed in Figure 36.
The registers at 0x2000.0300 are always immedi-
ately accessable, however registers mapped into
the 4 Kbyte page must be accessed through an in-
dex using the Ethernet Port pointer and Ethernet
Data Ports.
This is done by writing the offset of the target reg-
ister to the Ethernet Port Pointer. For example, the
EEPROM data register has an offset of 0042h. The
contents of the target register are then mapped into
the Ethernet Data Port.
If the software needs to access a sequential block of
registers, the MSB of the Ethernet Port address of
the first word to be accessed should be set to "1".
The Ethernet Port Pointer will then move to the
next word location automatically, eliminating the
need to setup the Ethernet Port Pointer between
successive accesses (see Figure 22).
0x8000.0002
PBDR
0
RW
8
Port B Data register
0x8000.0001
—
—
8
Reserved
0x8000.0000
PDDR
0
RW
8
Port D Data register
0x8000.0043
PADDR
0
RW
8
Port A data Direction register
0x8000.0042
PBDDR
0
RW
8
Port B Data Direction register
0x8000.0041
—
—
8
Reserved
0x8000.0040
PDDDR
0
RW
8
Port D Data Direction register
0x8000.0083
PEDR
0
RW
3
Port E Data Register
0X8000.00C3
PEDDR
0
RW
3
Port E Data Direction register
Big Endian Mode
Name
Default
RD/WR
Size
Comments
Table 32. CS89712 Internal Registers (Big Endian Mode)
Memory Location
Type
Description
0x2000.0300
Read/Write
Receive/Transmit Data (Port 0)
0x2000.0302
Read/Write
Receive/Transmit Data (Port 1)
0x2000.0304
Write-only
TxCMD (Transmit Command)
0x2000.0306
Write-only
TxLength (Transmit Length)
0x2000.0308
Read-only
Interrupt Status Queue
0x2000.030A
Read/Write
Ethernet Port Pointer
0x2000.030C
Read/Write
Ethernet Port Data (Port 0)
0x2000.030E
Read/Write
Ethernet Port Data (Port 1)
Table 33. Ethernet Port Register Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com