Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 25Page - Cirrus Logic CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic CS89712 Datasheet HTML 28Page - Cirrus Logic CS89712 Datasheet HTML 29Page - Cirrus Logic CS89712 Datasheet HTML 30Page - Cirrus Logic CS89712 Datasheet HTML 31Page - Cirrus Logic CS89712 Datasheet HTML 32Page - Cirrus Logic CS89712 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 170 page
background image
CS89712
DS502PP2
29
tial that software monitors the appropriate status
registers within the CL-PS6700s to ensure that
there are no pending posted bus transactions before
the Standby State is entered. Failure to do this will
result in incomplete PC Card accesses.
2.15 Endianness
The CS89712 uses a little endian configuration for
internal registers. However, it is possible to con-
nect the device to a big endian external memory
system. The big-endian / little-endian bit in the
ARM720T control register sets whether the
CS89712 treats words in memory as being stored in
big endian or little endian format. Memory is
viewed as a linear collection of bytes numbered up-
wards from zero. Bytes 0 to 3 hold the first stored
word, bytes 4 to 7 the second, and so on. In the little
endian scheme, the lowest numbered byte in a word
is considered to be the least significant byte of the
word and the highest numbered byte is the most
significant. Byte 0 of the memory system should be
connected to D[7:0] in this case. In the big endian
scheme the most significant byte of a word is stored
at the lowest numbered byte, and the least signifi-
cant byte is stored at the highest numbered byte.
Therefore, byte 0 of the memory system should be
connected to D[31:24]. Load and store are the only
instructions affected by the Endianness.
Table 19 and Table 20 demonstrate the behavior of
the CS89712 for read and write operations, includ-
ing the effect of performing non-aligned word ac-
cesses. The register definition section defines the
behavior of the internal CS89712 registers in the
big endian mode in more detail. For further infor-
mation, refer to ARM Application Note 61, “Big
and Little Endian Byte Addressing”.
Address (W/B) Data in Memory
(as seen by the
CS89712)
Byte Lanes to Memory / Ports / Registers
R0 Contents
Big Endian Memory
Little Endian Memory
7:0 15:8 23:16 31:24 7:0 15:8 23:16 31:24 Big Endian Little Endian
Word + 0 (W)
11223344
44
33
22
11
44
33
22
11
11223344
11223344
Word + 1 (W)
11223344
44
33
22
11
44
33
22
11
44112233
44112233
Word + 2 (W)
11223344
44
33
22
11
44
33
22
11
33441122
33441122
Word + 3 (W)
11223344
44
33
22
11
44
33
22
11
22334411
22334411
Word + 0 (H)
11223344
dc
dc
22
11
44
33
dc
dc
00001122
00003344
Word + 1 (H)
11223344
dc
dc
22
11
44
33
dc
dc
22000011
44000033
Word + 2 (H)
11223344
44
33
dc
dc
dc
dc
22
11
00003344
00001122
Word + 3 (H)
11223344
44
33
dc
dc
dc
dc
22
11
44000033
22000011
Word + 0 (B)
11223344
dc
dc
dc
11
44
dc
dc
dc
00000011
00000044
Word + 1 (B)
11223344
dc
dc
22
dc
dc
33
dc
dc
00000022
00000033
Word + 2 (B)
11223344
dc
33
dc
dc
dc
dc
22
dc
00000033
00000022
Word + 3 (B)
11223344
44
dc
dc
dc
dc
dc
dc
11
00000044
00000011
Note: dc = don’t care
Table 19. Effect of Endianness on Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com