Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 93Page - Cirrus Logic CS89712 Datasheet HTML 94Page - Cirrus Logic CS89712 Datasheet HTML 95Page - Cirrus Logic CS89712 Datasheet HTML 96Page - Cirrus Logic CS89712 Datasheet HTML 97Page - Cirrus Logic CS89712 Datasheet HTML 98Page - Cirrus Logic CS89712 Datasheet HTML 99Page - Cirrus Logic CS89712 Datasheet HTML 100Page - Cirrus Logic CS89712 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 170 page
background image
CS89712
DS502PP2
97
3.9.4
PMPCON Pump Control Register (address 0x8000.0400)
The Pulse Width Modulator (PWM) pump control register is a 16-bit read / write register which sets and controls the
variable mark space ratio drives for the two PWMs. All bits in this register are cleared by a system reset. (The top
four bits are unused. They should be written as zeroes, and will read as undefined).
The state of the output drive pins is latched during power on reset, this latched value is used to determine the polarity
of the drive output. The sense of the PWM control lines is summarized in Table 51.
External input pins that would normally be connected to the output from comparators monitoring the PWM output
are also used to enable these clocks. These are the FB[0:1] pins. When FB[0] is high, the PWM is disabled. The
same applies to FB[1]. They are read upon power-up.
Note:
To maximize power savings, the drive ratio fields should be used to disable the PWMs, instead of the FB
pins. The clocks that source the PWMs are disabled when the drive ratio fields are zeroed.4.
3.9.5
CODR — The CODEC Interface Data Register (address 0x8000.0440)
The CODR register is an 8-bit read / write register, to be used with the codec interface. This is selected by
the appropriate setting of bit 0 (SERSEL) of the SYSCON2 register. Data written to or read from this register
is pushed or popped onto the appropriate 16-byte FIFO buffer. Data from this buffer is then serialized and
sent to or received from the codec sound device. When the codec is enabled, the codec interrupt CSINT is
11:8
7:4
3:0
Drive 1 pump ratio
Drive 0 from AC source ratio
Drive 0 from battery ratio
Initial State of Drive 0 or
Drive 1 During Power on Reset
Sense of Drive 0
or Drive 1
Polarity of Bias
Voltage
Low
Active high
+ve
High
Active low
-ve
Table 51. Sense of PWM control lines
Bit
Description
0:3
Drive 0 from battery: This 4-bit field controls the “on” time for the Drive 0 PWM pump while the
system is powered from batteries. Setting these bits to 0 disables this pump, while setting these
bits to 1 allows the pump to be driven in a 1:16 duty ratio, 2 in a 2:16 duty ratio etc. up to a 15:16
duty ratio. An 8:16 duty ratio results in a square wave of 96 kHz when operating with an
18.432 MHz master clock.
4:7
Drive 0 from AC: This 4-bit field controls the “on” time for the Drive 0 DC to DC pump, while the
system is powered from a non-battery type power source. Setting these bits to 0 disables this
pump, setting these bits to 1 allows the pump to be driven in a 1:16 duty ratio, 2 in a 2:16 duty
ratio, etc. up to a 15:16 duty ratio. An 8:16 duty ratio results in a square wave of 96 kHz when
operating with an 18.432 MHz master clock.
Note: The CS89712 monitors the power supply input pins (i.e., BATOK and NEXTPWR) to
determine which of the above fields to use.
8:11
Drive 1 pump ratio: This 4-bit field controls the “on” time for the drive1 PWM pump. Setting
these bits to 0 disables this pump, while setting these bits to 1 allows the pump to be driven in a
1:16 duty ratio, 2 in a 2:16 duty ratio, etc. up to a 15:16 duty ratio. An 8:16 duty ratio results in a
square wave of 96 kHz when operating with an 18.432 MHz master clock.
Table 52. PMPCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com