Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic CS89712 Datasheet HTML 17Page - Cirrus Logic CS89712 Datasheet HTML 18Page - Cirrus Logic CS89712 Datasheet HTML 19Page - Cirrus Logic CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic CS89712 Datasheet HTML 22Page - Cirrus Logic CS89712 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 170 page
background image
CS89712
DS502PP2
19
Interrupt
Bit in INTMR1 and
INTSR1
Name
Comment
FIQ
0
EXTFIQ
External fast interrupt input (nEXTFIQ pin)
FIQ
1
BLINT
Battery low interrupt
FIQ
2
WEINT
Tick Watchdog expired interrupt
FIQ
3
MCINT
Media changed interrupt
IRQ
4
CSINT
Codec sound interrupt
IRQ
5
EINT1
External interrupt input 1 (nEINT[1] pin)
IRQ
6
EINT2
External interrupt input 2 (nEINT[2] pin)
IRQ
8
TC1OI
TC1 underflow interrupt
IRQ
9
TC2OI
TC2 underflow interrupt
IRQ
10
RTCMI
RTC compare match interrupt
IRQ
11
TINT
64 Hz tick interrupt
IRQ
12
UTXINT1
Internal UART1 transmit FIFO empty interrupt
IRQ
13
URXINT1
Internal UART1 receive FIFO full interrupt
IRQ
14
UMSINT
Internal UART1 modem status changed interrupt
IRQ
15
SSEOTI
Synchronous serial interface 1 end of transfer interrupt
Table 7. Interrupt Allocation in the First Interrupt Register
Interrupt
Bit in INTMR2 and
INTSR2
Name
Comment
IRQ
0
KBDINT
Key press interrupt
IRQ
1
SS2RX
Master / slave SSI 16 bytes received
IRQ
2
SS2TX
Master / slave SSI 16 bytes transmitted
IRQ
12
UTXINT2
UART2 transmit FIFO empty interrupt
IRQ
13
URXINT2
UART2 receive FIFO full interrupt
Table 8. Interrupt Allocation in the Second Interrupt Register
Interrupt
Bit in INTMR3 and
INTSR3
Name
Comment
FIQ
0
DAIINT
DAI interface interrupt
Table 9. Interrupt Allocation in the Third Interrupt Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com