Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 96 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 96 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 92Page - Cirrus Logic CS89712 Datasheet HTML 93Page - Cirrus Logic CS89712 Datasheet HTML 94Page - Cirrus Logic CS89712 Datasheet HTML 95Page - Cirrus Logic CS89712 Datasheet HTML 96Page - Cirrus Logic CS89712 Datasheet HTML 97Page - Cirrus Logic CS89712 Datasheet HTML 98Page - Cirrus Logic CS89712 Datasheet HTML 99Page - Cirrus Logic CS89712 Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 170 page
background image
CS89712
96
DS502PP2
3.9.2
SDCONF SDRAM Control Register (address 0x8000.2300)
3.9.3
SDRFPR SDRAM Refresh Period Register (address 0x8000.2340)
This 16-bit read/write register sets the interval between SDRAM refresh commands. The value programmed is the
interval in BLCK cycles e.g. for a 16
µs refresh period with a BCLK of 36 MHz, the following value should be used:
16x10-6 * 36x106 = 576
The refresh timer is set to 256 by nPOR to ensure a refresh time of better than 16
µs. This register should not be
programmed to a value below 2 otherwise the internal bus may become locked.
This register replaces DPFPR, which is no longer active. Writes to this register are ignored. Reads from this register
will produce unpredictable results.
0011
04:12
1011
12:04
0100
05:11
1100
13:03
0101
06:10
1101
14:02
0110
07:09
1110
15:01
0111
08:08
1111
16:00 (continually on)
31:11
10
9
8:7
6:5
4:2
1:0
Reserved
SDACTIVE
CLKCTL
SDWIDTH
SDSIZE
Reserved
CASLAT
Bit
Description
1:0.
How many clock cycles after CAS before the device is ready for reading or writing. . . ‘00’ =>
Reserved. . . , ‘01’ => Reserved, ‘10’ => CAS Latency = 2, ‘11’ => CAS Latency = 3. . . . . . . . . . .
The default value is ‘10’ for CAS latency = 2.
4:2.
Reserved.
6:5.
The capacity of each SDRAM. The values are: ‘00’=>16Mits, ‘01’=>64Mbits, ‘10’=>128Mbits,
‘11’=>256Mbits.
8:7.
The width of each SDRAM. ‘00’=>4bits, ‘01’=>8bits, ‘10’=>16 bits, ‘11’=>32 bits.
9.
Control over the SDRAM clock. ‘0’=> SDRAM clock is permanently enabled except when in
standby mode. ‘1’=>SDRAM clock stops when the CS89712 is put into inactive mode i.e.,
SDACTIVE = ‘0’, or when in standby mode.
10.
Enables the SDRAM controller: ‘0’ disables, ‘1’ enables. The SDRAM controller will only initialize
if SDACTIVE is set to 1. After initialization, resetting this parameter will cause the SDRAM con-
troller to enter an inactive state. It will remain in this state until SDACTIVE is set to 1.
31:11.
Reserved.
31:16
15:0
Reserved
REFRATE
LEDFLSH[5:2]
Duty Ratio
(time on: time off)
LEDFLSH[5:2]
Duty Ratio
(time on: time off)
Table 50. LED Duty Ratio (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com