Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 17Page - Cirrus Logic CS89712 Datasheet HTML 18Page - Cirrus Logic CS89712 Datasheet HTML 19Page - Cirrus Logic CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic CS89712 Datasheet HTML 22Page - Cirrus Logic CS89712 Datasheet HTML 23Page - Cirrus Logic CS89712 Datasheet HTML 24Page - Cirrus Logic CS89712 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
CS89712
DS502PP2
21
instructions immediately after the write to the
SNOOZE register location.
2.8.1.5
Doze State
Since Doze State can be considered a preliminary
state between Snooze State and Operating State,
the only requirement for existing this state into the
Operating State is for a few instructions to be exe-
cuted. Therefore, the latency is based solely upon
the time required to execute these instructions.
Table 10 summarizes the five external interrupt
sources and their effect on the processor interrupts.
2.9 Boot ROM
The 128 bytes of on-chip Boot ROM contain an in-
struction sequence that initializes the device and
then configures UART1 to receive 2048 bytes of
serial data that will then be placed in the on-chip
SRAM. Once the download is complete, execution
jumps to the start of the on-chip SRAM. This
would allow, for example, code to be downloaded
to program system FLASH during a product’s
manufacturing process. See Section , “Appendix B:
Boot Code” for details of the ROM Boot Code with
comments to describe the stages of execution.
Selection of the Boot ROM option is determined by
the state of the nMEDCHG pin during a power on
reset. If nMEDCHG is high while nPOR is active,
then the CS89712 will boot from an external mem-
ory device connected to CS[0] (normal boot mode).
If nMEDCHG is low, then the boot will be from the
on-chip ROM. Note that in both cases, following
the de-assertion of nPOR, the CS89712 will be in
the Standby State and require a low-to-high transi-
tion on the external WAKEUP pin in order to actu-
ally start the boot sequence.
The effect of booting from the on-chip Boot ROM
is to reverse the decoding for all chip selects inter-
nally. Table 11 shows this decoding. The control
signal for the boot option is latched by nPOR,
which means that the remapping of addresses and
bus widths will continue to apply until nPOR is as-
serted again. After booting from the Boot ROM,
the contents of the Boot ROM can be read back
from address 0x0000.0000 onwards, and in normal
state of operation the Boot ROM contents can be
read back from address range 0x7000.0000.
2.10 Memory Map
The lower 2 GByte of the address space is allocated
to memory. The 512 MBytes of address space from
Interrupt
Pin
Input State
Operating State
Latency
Idle State
Latency
Standby State Latency
nEXTFIQ
Not deglitched; must be
active for 251 clock
cycles to ensure detec-
tion
Worst-case 3.4
µsec
at 74 MHz
Worst-case 251
clocks: if only
single cycle
instructions, less
than 1
µsec
Including PLL / osc. settling time, ~
0.25 sec when FASTWAKE = 0, or
approx. 500 µsec when FASTWAKE = 1
nEINT1–2
Not deglitched
Worst-case 3.4
µsec
at 74 MHz
As above
As above
nMEDCHG
Deglitched by 16 kHz
clock; must be active
for at least 125
µs to be
detected
Worst-case latency
of 128
µsec at 74
MHz
Worst-case
80
µsec: if only
single cycle
instructions,
125
µsec
As above
Table 10. External Interrupt Source Latencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com