Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 71Page - Cirrus Logic CS89712 Datasheet HTML 72Page - Cirrus Logic CS89712 Datasheet HTML 73Page - Cirrus Logic CS89712 Datasheet HTML 74Page - Cirrus Logic CS89712 Datasheet HTML 75Page - Cirrus Logic CS89712 Datasheet HTML 76Page - Cirrus Logic CS89712 Datasheet HTML 77Page - Cirrus Logic CS89712 Datasheet HTML 78Page - Cirrus Logic CS89712 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 170 page
background image
CS89712
DS502PP2
75
Section 3.2.7, “Status/Control Register Summary”
provides a detailed description of each register.
3.2.6.1
Act-Once Bits
There are four bits that cause a certain action only
once when set. These "Act-Once" bits are: Skip_1
(RxCFG register bit 6), RESET (SelfCTL register
bit 6), ResetRxDMA (BusCTL register bit 6), and
SWint-X (BufCFG register bit 6). To cause the ac-
tion again, the software must set the bit again. Act-
Once bits are always read as clear.
3.2.6.2
Temporal Bits
Temporal bits are bits that are set and cleared by the
Ethernet port automatically. This includes all status
bits in the three status registers (LineST, SelfST,
and BusST), the RxDest bit (BufEvent bit F), and
the Rx128 bit (BufEvent bit B). Like all Event bits,
RxDest and Rx128 are cleared when read by the
software.
3.2.6.3
Interrupt Enable Bits and Events
Interrupt Enable bits end with the suffix iE and are
located in three Configuration registers: RxCFG,
TxCFG, and BufCFG. Each Interrupt Enable bit
corresponds to a specific event. If an Interrupt En-
able bit is set and its corresponding event occurs,
the Ethernet port generates an interrupt.
The bits that report when various events occur are
located in three Event registers and two counters.
The Event registers are RxEvent, TxEvent, and
BufEvent. The counters are RxMISS and TxCOL.
Each Interrupt Enable bit and its associated Event
are identified in Table 35.
An Event bit will be set whenever the specified
event happens, whether or not the associated Inter-
rupt Enable bit is set. All Event registers are cleared
upon read-out by the software.
3.2.6.4
Accept Bits
There are nine Accept bits located in the RxCTL
register, each of which is followed by the suffix A.
Accept bits indicate which types of frames will be
accepted by the CS89712. Four of these bits have
corresponding Interrupt Enable (iE) bits. An Ac-
cept bit and an Interrupt Enable bit are independent
operations. It is possible to set either, neither, or
both bits. The four corresponding pairs of bits are:
If one of the above Interrupt Enable bits is set and
the corresponding Accept bit is clear, the CS89712
Interrupt Enable Bit
(register name)
Event Bit or Counter
(register name)
ExtradataiE (RxCFG)
Extradata (RxEvent)
RuntiE (RxCFG)
Runt (RxEvent)
CRCerroriE (RxCFG)
CRCerror (RxEvent)
RxOKiE (RxCFG)
RxOK (RxEvent)
16colliE (TxCFG)
16coll (TxEvent)
AnycolliE (TxCFG)
“Number-of Tx-colli-
sions” counter is incre-
mented (TxEvent)
JabberiE (TxCFG)
Jabber (TxEvent)
Out-of-windowiE (TxCFG) Out-of-window (TxEvent)
TxOKiE (TxCFG)
TxOK (TXEvent)
MissOvfloiE (BufCFG)
RxMISS counter over-
flows past 1FFh
TxColOvfloiE (BufCFG)
TxCOL counter overflows
past 1FFh
RxDestiE (BufCFG)
RxDest (BufEvent)
Rx128iE (BufCFG)
Rx128 (BufEvent)
RxMissiE (BufCFG)
RxMISS (BufEvent)
TxUnderruniE (BufCFG)
TxUnderrun (BufEvent)
Rdy4TxiE (BufCFG)
Rdy4Tx (BufEvent)
Table 35. Interrupt Enable Bits and Events
IE Bit in RxCFG
A Bit in RxCTL
ExtradataiE
ExtradataA
RuntiE
RuntA
CRCerroriE
CRCerrorA
RxOKiE
RxOKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com