Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 8Page - Cirrus Logic CS89712 Datasheet HTML 9Page - Cirrus Logic CS89712 Datasheet HTML 10Page - Cirrus Logic CS89712 Datasheet HTML 11Page - Cirrus Logic CS89712 Datasheet HTML 12Page - Cirrus Logic CS89712 Datasheet HTML 13Page - Cirrus Logic CS89712 Datasheet HTML 14Page - Cirrus Logic CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 170 page
background image
CS89712
12
DS502PP2
cally loaded into the Ethernet port after each reset
(except EEPROM reset).
The CS89712 Ethernet operates with any of six
standard EEPROMs shown in Table 3.
Note: I/O base address is unaffected by Software
Suspend mode.
2.6 Ethernet EEPROM Configurations
2.6.1
EEPROM Interface
The EEPROM interface uses the signals shown in
Table 4.
2.6.2
EEPROM Memory Organization
If an EEPROM is used to store initial configuration
information for the Ethernet port, the EEPROM is
organized in one or more blocks of 16-bit words.
The first block in EEPROM, referred to as the Con-
figuration Block, is used to configure the Ethernet
port after reset. An example of a typical Configura-
tion Block is shown in Table 5. Additional blocks
containing user data may be stored in the EE-
PROM. However, the Configuration Block must
always start at address 00h and be stored in contig-
uous memory locations.
2.6.3
Reset Configuration Block
The first block in EEPROM, the Reset Configura-
tion Block, is used to automatically program the
Ethernet port with an initial configuration after a
reset. Additional user data may also be stored in the
EEPROM if space is available. The additional data
are stored as 16-bit words and can occupy any EE-
PROM address space beginning immediately after
the end of the Reset Configuration Block up to ad-
dress 7Fh, depending on EEPROM size. This addi-
tional data can only be accessed through software
control (refer to Section 2.24 for more informa-
tion). Address space 80h to AFh is reserved.
Ethernet Port
Address
Register
Contents
Register Descriptions
0020h
0300h
I/O Base Address
0022h
XXXX XXXX
XXXX X100
Interrupt Number
0102h
0003h
RxCFG Register
0104h
0005h
RxCTL Register
0106h
0007h
TxCFG Register
0108h
0009h
TxCMD Register
010Ah
000Bh
BufCFG Register
010Ch
Undefined
Reserved
010Eh
Undefined
Reserved
0110h
Undefined
Reserved
0112h
00013h
LineCTL Register
0114h
0015h
SelfCTL Register
0116h
0017h
BusCTL Register
0118h
0019h
TestCTL Register
Table 2.
Default Configuration
EEPROM Type
Size (16-bit words)
‘C46 (non-sequential)
64
‘CS46 (sequential)
64
‘C56 (non-sequential)
128
‘CS56 (sequential)
128
‘C66 (non-sequential)
256
‘CS66 (sequential)
256
Table 3. Supported EEPROM Types
Ethernet port
Pin
Ethernet port
Function
EEPROM
Pin
EECS
EEPROM Chip Select
Chip Select
EESK
1 MHz EEPROM
Serial Clock output
Clock
EEDO
EEPROM Data Out
(data to EEPROM)
Data In
EEDI
EEPROM Data in
(data from EEPROM)
Data Out
Table 4. EEPROM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com