Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 53Page - Cirrus Logic CS89712 Datasheet HTML 54Page - Cirrus Logic CS89712 Datasheet HTML 55Page - Cirrus Logic CS89712 Datasheet HTML 56Page - Cirrus Logic CS89712 Datasheet HTML 57Page - Cirrus Logic CS89712 Datasheet HTML 58Page - Cirrus Logic CS89712 Datasheet HTML 59Page - Cirrus Logic CS89712 Datasheet HTML 60Page - Cirrus Logic CS89712 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 170 page
background image
CS89712
DS502PP2
57
An enabled interrupt occurs.
The selected interrupt
request pin is driven high
(active) if not already high.
ISQ = 0000h?
Yes
The host reads the ISQ.
The selected interrupt
request pin is driven low.
No
Process applicable
RxEvent bits: Extradata,
Runt, CRCerror, RxOK.
Process applicable
TxEvent bits: 16coll, Jabber,
Out-of-window, TxOK.
Process applicable BufEvent
bits: RxDest, Rx128, RxMiss,
TxUnderrun, Rdy4Tx,
RxDMAFrame, SWint.
Process RxMISS counter.
Process TxCOL counter.
Which
Event
report
type?
RxEvent
TxEvent
BufEvent
RxMISS
TxCOL
None of the above
Service
Default
EXIT.
Interrupts
re-enabled.
(Interrupts
will be
disabled
for at least
1.6 us.)
Figure 19. Interrupt Status Queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com