Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 23Page - Cirrus Logic CS89712 Datasheet HTML 24Page - Cirrus Logic CS89712 Datasheet HTML 25Page - Cirrus Logic CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic CS89712 Datasheet HTML 28Page - Cirrus Logic CS89712 Datasheet HTML 29Page - Cirrus Logic CS89712 Datasheet HTML 30Page - Cirrus Logic CS89712 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 170 page
background image
CS89712
DS502PP2
27
of the CS89712’s data bus. Only word (i.e., 4-byte)
and single-byte accesses are supported, and the slot
field is hardcoded to 11, since the slot field is de-
fined as a ‘Reserved field’ by the CL-PS6700. The
chip selects are used to select the device to be ac-
cessed. The space field is made directly from the
A26 and A27 CPU address bits, according to the
decode shown in Table 18. The size field is forced
to 11 if a word access is required, or to 00 if a byte
access is required. This avoids the need to config-
ure the interface after a reset. On the second clock
cycle, the remaining 16 bits of the PC Card address
are multiplexed out onto the lower 16 bits of the
data bus. If the transaction selected is a CL-PS6700
register transaction, or a write to the PC Card (as-
suming there is space available in the CL-PS6700’s
internal write buffer) then the access will continue
on the following two clock cycles. During these
following two clock cycles the upper and lower
halves of the word to be read or written will be put
onto the lower 16 bits of the main data bus.
The ‘ptype’ signal on the CL-PS6700s should be
connected to the CS89712’s WRITE output pin.
During PC Card accesses, the polarity of this pin
changes, and it becomes low to signify a write and
high to signify a read. It is valid with the first half
word of the address. During the second half word
of the address, it is always forced high to indicate
to the CL-PS6700 that the CS89712 has initiated
either the write or read.
The PRDY signals from each of the two CL-
PS6700 devices are connected to Port B bits 0 and
1, respectively. When the PC CARD1 or PC
CARD2 control bits in the SYSCON2 register are
de-asserted, these port bits are available for GPIO.
When asserted, these port bits are used as the
PRDY signals. When the PRDY signal is de-assert-
ed (i.e., low), it indicates that the CL-PS6700 is
busy accessing its card. If a PC CARD access is at-
tempted while the device is busy, the PRDY signal
will cause the CS89712’s CPU to be stalled. The
CS89712’s CPU will have to wait for the card to
become available. DMA transfers to the LCD can
still continue in the background during this period
of time (as described below). The CS89712 can ac-
cess the registers in the CL-PS6700, regardless of
the state of the PRDY signal. If the CS89712 needs
to access the PC CARD via the CL-PS6700, it
waits until the PRDY signal is high before initiat-
ing a transfer request. Once a request is sent, the
PRDY signal indicates if data is available.
In the case of a PC Card write, writes can be posted
to the CL-PS6700 device, with the same timing as
CL-PS6700 internal register writes. Writes will
normally be completed by the CL-PS6700 device
independent of the CS89712 processor activity. If a
posted write times out, or fails to complete for any
other reason, then the CL-PS6700 will issue an in-
terrupt (i.e., a WR_FAIL interrupt). In the case
where the CL-PS6700 write buffer is already full,
the PRDY signal will be de-asserted (i.e., driven
low) and the transaction will be stalled pending an
available slot in the buffer. In this case, the
CS89712’s CPU will be stalled until the write can
Space Field Value
PC CARD Memory Space
00
Attribute
01
I/O
10
Common memory
11
CL-PS6700 registers
Table 18. Space Field Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com