Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 38Page - Cirrus Logic CS89712 Datasheet HTML 39Page - Cirrus Logic CS89712 Datasheet HTML 40Page - Cirrus Logic CS89712 Datasheet HTML 41Page - Cirrus Logic CS89712 Datasheet HTML 42Page - Cirrus Logic CS89712 Datasheet HTML 43Page - Cirrus Logic CS89712 Datasheet HTML 44Page - Cirrus Logic CS89712 Datasheet HTML 45Page - Cirrus Logic CS89712 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 170 page
background image
CS89712
42
DS502PP2
2.19.1
Free Running Mode
In the free running mode, the counter will wrap
around to 0xFFFF when it under flows and it will
continue to count down. Any value written to TC1
or TC2 will be decremented on the second edge of
the selected clock.
2.19.2
Prescale Mode
In the prescale mode, the value written to TC1 or
TC2 is automatically re-loaded when the counter
under flows. Any value written to TC1 or TC2 will
be decremented on the second edge of the selected
clock. This mode can be used to produce a pro-
grammable frequency to drive the buzzer (i.e., with
TC1) or generate a periodic interrupt. The formula
is F=(500 kHz) / (n+1).
2.20 Real-Time Clock
The CS89712 contains a 32-bit Real-Time Clock
(RTC). This can be written to and read from in the
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0 Bit 1
Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale
4 Bits per pixel
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0
Bit 1 Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale Gray scale
2 Bits per pixel
Gray scale
Gray scale
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0 Bit 1
Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale
Gray scale
1 Bit per pixel
Gray scale Gray scale
Gray scale
Figure 11. Video Buffer Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com