Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 85Page - Cirrus Logic CS89712 Datasheet HTML 86Page - Cirrus Logic CS89712 Datasheet HTML 87Page - Cirrus Logic CS89712 Datasheet HTML 88Page - Cirrus Logic CS89712 Datasheet HTML 89Page - Cirrus Logic CS89712 Datasheet HTML 90Page - Cirrus Logic CS89712 Datasheet HTML 91Page - Cirrus Logic CS89712 Datasheet HTML 92Page - Cirrus Logic CS89712 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 170 page
background image
CS89712
DS502PP2
89
3.6 Interrupt Registers
3.6.1
INTSR1 Interrupt Status Register 1 (address 0x8000.0240)
The interrupt status register is a 32-bit read only register. The interrupt status register reflects the current state of
the first 16 interrupt sources within the CS89712. Each bit is set if the appropriate interrupt is active. The interrupt
assignment is given in Table 42.
15
14
13
12
11
10
9
8
SSEOTI
UMSINT
URXINT1
UTXINT1
TINT
RTCMI
TC2OI
TC1OI
7
6
54321
0
EINT3
EINT2
EINT1
CSINT
MCINT
WEINT
BLINT
EXTFIQ
Bit
Description
0
EXTFIQ: External fast interrupt. This interrupt will be active if the nEXTFIQ input pin is forced low and is
mapped to the FIQ input on the ARM720T processor.
1
BLINT: Battery low interrupt. This interrupt will be active if no external supply is present (nEXTPWR is
high) and the battery OK input pin BATOK is forced low. This interrupt is deglitched with a 16 kHz clock,
so it will only generate an interrupt if it is active for longer than 125
µsec. It is mapped to the FIQ input
on the ARM720T processor and is cleared by writing to the BLEOI location.
Note: BLINT is disabled during Snooze/the Standby States.
2
WEINT: Tick Watch dog expired interrupt. This interrupt will become active on a rising edge of the peri-
odic 64 Hz tick interrupt clock if the tick interrupt is still active (i.e., if a tick interrupt has not been ser-
viced for a complete tick period). It is mapped to the FIQ input on the ARM720T processor and the TEOI
location.
Notes: 1. WEINT is disabled during Snooze/the Standby States.
2. Watch dog timer tick rate is 64 Hz.
3. Watchdog timer is turned off during Snooze/the Standby States.
3
MCINT: Media changed interrupt. This interrupt will be active after a rising edge on the nMEDCHG input
pin has been detected, This input is deglitched with a 16 kHz clock so it will only generate an interrupt if
it is active for longer than 125
µsec. It is mapped to the FIQ input on the ARM7TDMI processor and is
cleared by writing to the MCEOI location. On power-up, the Media change pin (nMEDCHG) is used as
an input to force the processor to either boot from the internal Boot ROM, or from external memory.
After power-up, the pin can be used as a general purpose FIQ interrupt pin.
4
CSINT: Codec sound interrupt, generated when the data FIFO has reached half full or empty (depend-
ing on the interface direction). It is cleared by writing to the COEOI location.
5
EINT1: External interrupt input 1. This interrupt will be active if the nEINT1 input is active (low). It is
cleared by returning nEINT1 to the passive (high) state.
6
EINT2: External interrupt input 2. This interrupt will be active if the nEINT2 input is active (low). It is
cleared by returning nEINT2 to the passive (high) state.
7
EINT3: Interrupt input 3 (Ethernet port). This interrupt will be active if the Ethernet port requests an
interrupt. It is cleared by returning EINT3 to the passive (low) state.
8
TC1OI: TC1 under flow interrupt. This interrupt becomes active on the next falling edge of the timer
counter 1 clock after the timer counter has under flowed (reached zero). It is cleared by writing to the
TC1EOI location.
Table 42. INTSR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com