Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 73Page - Cirrus Logic CS89712 Datasheet HTML 74Page - Cirrus Logic CS89712 Datasheet HTML 75Page - Cirrus Logic CS89712 Datasheet HTML 76Page - Cirrus Logic CS89712 Datasheet HTML 77Page - Cirrus Logic CS89712 Datasheet HTML 78Page - Cirrus Logic CS89712 Datasheet HTML 79Page - Cirrus Logic CS89712 Datasheet HTML 80Page - Cirrus Logic CS89712 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 170 page
background image
CS89712
DS502PP2
77
3.3 Ethernet Port 4 Kbyte Memory Register Map
The following Table shows the CS89712 Ethernet Port internal register map:
Internal
Offset
# of
Bytes
Type
Description
Cross Reference
Bus Interface Registers
0000h
4
Reserved
0004h
28
-
Reserved
Note 2
0022h
2
RW
Master Interrupt Enable
Section 3.,
“REGISTER SET”,
Section 3.17,
“Ethernet Bus Interface Reg-
isters”
0038h
8
-
Reserved
Note 2
0040h
2
RW
EEPROM Command
Section 2.24,
“Programming the EEPROM”,
Section 3.17,
“Ethernet Bus Interface Reg-
isters”
0042h
2
RW
EEPROM Data
Section 2.24,
“Programming the EEPROM”,
Section 3.17,
“Ethernet Bus Interface Reg-
isters”
0044h
12
-
Reserved
Note 2
0050h
2
RD
Received Frame Byte
Counter
Section 3.17,
“Ethernet Bus Interface Reg-
isters”,
Section 2.32,
“Basic Receive Operation”
0052h
174
-
Reserved
Note 2
Status and Control Registers
0102
2
RW
Receive Configuration
Section 3.2.3,
“Ethernet Status/Control
Registers”
0104
2
RW
Receive Control
see above
0106
2
RW
Transmit Configuration
see above
0108
2
RW
Transmit Command
see above
010A
2
RW
Buffer Configuration
see above
0112
2
RW
Line Control
see above
0114
2
RW
Self Control
see above
0116
2
RW
Bus Control
see above
0118
2
RW
Test Control
see above
0120
2
RD
Interrupt Status Queue
0124
2
RD
Receive Event
0124
2
RD
alternate Receive Event
0128
2
RD
Transmit Event
012C
2
RD
Buffer Event
0130
2
RD
Receive Miss
0132
2
RD
Transmit Collision
0134
2
RD
Line Status
0136
2
RD
Self Status
Table 36. Ethernet Port 4 Kbyte Memory Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com