Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 9Page - Cirrus Logic CS89712 Datasheet HTML 10Page - Cirrus Logic CS89712 Datasheet HTML 11Page - Cirrus Logic CS89712 Datasheet HTML 12Page - Cirrus Logic CS89712 Datasheet HTML 13Page - Cirrus Logic CS89712 Datasheet HTML 14Page - Cirrus Logic CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic CS89712 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
CS89712
DS502PP2
13
2.6.3.1
Reset Configuration Block Structure
The Reset Configuration Block is a block of contig-
uous 16-bit words starting at EEPROM address
00h. It can be divided into three logical sections: a
header, one or more groups of configuration data
words, and a checksum value. All words in the Re-
set Configuration Block are read sequentially by
the Ethernet port after each reset, starting with the
header and ending with the checksum. Each group
of configuration data is used to program an Ether-
Word Address
Value
Description
FIRST WORD in DATA BLOCK
00h
A120h
Configuration Block Header.
The high byte, A1h, indicates a ‘C46 EEPROM is attached. The Link
Byte, 20h, indicates the number of bytes to be used in this block of config-
uration data.
FIRST GROUP of WORDS
01h
2020h
Group Header for first group of words.
Three words to be loaded, beginning at 0020h in Ethernet Port memory.
02h
0300h
I/O Base Address
03h
0003h
Interrupt Number
04h
0001h
DMA Channel Number
SECOND GROUP of WORDS
05h
502Ch
Group Header for second group of words.
Six words to be loaded, beginning at 002Ch in Ethernet Port memory.
06h
E000h
Memory Base Address - low word
07
000Fh
Memory Base Address - high word
08h
0000h
Boot PROM Base Address - low word
09h
000Dh
Boot PROM Base Address - high word
0Ah
C000h
Boot PROM Address Mask - low word
0Bh
000Fh
Boot PROM Address Mask - high word
THIRD GROUP of WORDS
0Ch
2158h
Group Header for third group of words.
Three words to be loaded, beginning at 0158 in Ethernet Port memory.
0Dh
0010h
Individual Address - Octet 0 and 1
0Eh
0000h
Individual Address - Octet 2 and 3
0Fh
0000h
Individual Address - Octet 4 and 5
CHECKSUM Value
10h
2800h
The high byte, 28h, is the Checksum Value. In this example, the check-
sum includes word addresses 00h through 0Fh. The hexadecimal sum of
the bytes is D8h, resulting in a 2’s complement of 28h. The low byte, 00h,
provides a pad to the word boundary.
Note:
FFFFh is a special code indicating that there are no more words in the EEPROM.
Table 5. EEPROM Configuration Block Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com