Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 1 Page - Cirrus Logic

  CS89712 Datasheet HTML 1Page - Cirrus Logic CS89712 Datasheet HTML 2Page - Cirrus Logic CS89712 Datasheet HTML 3Page - Cirrus Logic CS89712 Datasheet HTML 4Page - Cirrus Logic CS89712 Datasheet HTML 5Page - Cirrus Logic CS89712 Datasheet HTML 6Page - Cirrus Logic CS89712 Datasheet HTML 7Page - Cirrus Logic CS89712 Datasheet HTML 8Page - Cirrus Logic CS89712 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS89712
High-Performance, Low-Power System-on-Chip with 10BASE-T Ethernet Controller
Features
l ARM720T (ARM7 TDMI) processor
– 8 Kbytes of four-way set-associative cache
– MMU with 64-entry TLB
– Write Buffer
– Thumb code support enabled
l Dynamically clocked at 18, 36, 49 or 74 MHz
l 10 Mbit Ethernet Controller with integrated PHY
l Comprehensive Suite of Software Drivers
l On-Chip Transmit and Receive RAM Buffers
l 10BASE-T Port with Analog Filters provides
automatic polarity detection and correction
l Programmable Transmit Features:
– Automatic Re-transmission on Collision
– Automatic Padding and CRC Generation
l Programmable Receive Features:
– Early Interrupts for Frame Pre-Processing
– Automatic Rejection of Erroneous Packets
Description
The low-power high-performance CS89712 is designed
for ultra-low-power communication applications such as
VoIP telephones, industrial control, data acquisition,
special purpose servers and RF to Ethernet bridges. The
core-logic functionality of the device is built around an
ARM720T processor with 8 Kbytes of four-way set-asso-
ciative unified cache and a write buffer. Incorporated into
the ARM720T is an enhanced memory management unit
(MMU) which allows for support of sophisticated operat-
ing systems like embedded Linux.
The CS89712 Ethernet port includes on-chip RAM and
10BASE-T transmit and receive filters.
ORDERING INFO
CS89712-CB
0 to 70° C
256 Ball PBGA 17x17 mm
32.768-KHZ
OSCILLATOR
PLL
INTERRUPT
CONTROLLER
POWER
MANAGEMENT
SSI1 (ADC)
LCD
CONTROLLER
ARM7TD
8-KBYTE
CACHE
MMU
TIMER
CODE
ARM720T
INTERNAL DATA BUS
PWM
3.6864 MHZ
32.768 KHZ
EINT[1-2], FIQ,
MEDCHG
BATOK, EXPWR
PWRFL, BATCHG
PORTS A, B, D (8-BIT)
PORT E (3-BIT)
KEYBD DRIVERS (0–7)
BUZZER DRIVE
SSI (ADC)
INTERFACE
DAI / SSI / ADC
INTERFACE
UART
IrDA
D[0-31]
NPOR, RUN,
RESET, WAKEUP
EXPCLK, WORD,
NCS[0:3], EXPRDY,
WRITE
A[0-27],
DRA[0-14]
LCD DRIVE
LED AND
PHOTODIODE
ASYNC
INTERFACE
2
GPIO
INTERNAL ADDRESS BUS
ON-CHIP
BOOT ROM
ASYNC
INTERFACE 1
ON-CHIP SRAM
48K BYTES
CL-PS6700
INTFCE.
PB[0:1], NCS[4:5]
EXPANSION
CONTROL
UART
SSI2
EPB
EPB BUS
RTC
FLASHING LED DRIVE
ICE-JTAG
TEST AND
DEVELOPMENT
WRITE
BUFFER
DAI
STATE CNTRL
MEMORY CONTROLLER
LCD
DC-TO-DC
SDRAM CNTRL
MOE, MWE, SDCLK,
SDQM[0:1], SDRAS,
SDCAS
10BASE-T
ETHERNET
FEB ‘01
DS502PP2


Similar Part No. - CS89712

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CS8900 PULSE-CS8900 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Cirrus Logic
CS8900-CQ3 CIRRUS-CS8900-CQ3 Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
CS8900A-CQ CIRRUS-CS8900A-CQ Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
CS8900A-CQ CIRRUS-CS8900A-CQ Datasheet
2Mb / 137P
Crystal LAN TM ISA Ethernet Controller
More results

Similar Description - CS89712

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
fujitsu semiconductor
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
3/08/95
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
logo
Rhombus Industries Inc.
T-10902 RHOMBUS-IND-T-10902 Datasheet
36Kb / 1P
10BASE-T/ETHERNET ISOLATION TRANSFORMER
07/02/98
T-10905 RHOMBUS-IND-T-10905 Datasheet
36Kb / 1P
10BASE-T/ETHERNET ISOLATION TRANSFORMER
07/02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com