Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 84Page - Cirrus Logic CS89712 Datasheet HTML 85Page - Cirrus Logic CS89712 Datasheet HTML 86Page - Cirrus Logic CS89712 Datasheet HTML 87Page - Cirrus Logic CS89712 Datasheet HTML 88Page - Cirrus Logic CS89712 Datasheet HTML 89Page - Cirrus Logic CS89712 Datasheet HTML 90Page - Cirrus Logic CS89712 Datasheet HTML 91Page - Cirrus Logic CS89712 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 170 page
background image
CS89712
88
DS502PP2
3.5.5
SYSFLG2 System Status Register 2 (address 0x8000.1140)
This register is an extension of SYSFLG1, containing status bits for backward compatibility with CL-PS7111. The
bits of the second system status register are defined in Table 41.
23
22
21:12
11
10:7
6
UTXFF2
URXFE2
Reserved
UBUSY2
Reserved
CKMODE
54
3
2
1
0
SS2TXUF
SS2TXFF
SS2RXFE
RESFRM
RESVAL
SS2RXOF
Bit
Description
0
SS2RXOF: Master / slave SSI2 RX FIFO overflow. This bit is set when a write is attempted to a
full RX FIFO (i.e., when RX is still receiving data and the FIFO is full). This can be cleared in one
of two ways:
1. Empty the FIFO (remove data from FIFO) and then write to SRXEOF location.
2. Disable the RX (affects of disabling the RX will not take place until a full SSI2 clock cycle after
it is disabled)
1
RESVAL: Master / slave SSI2 RX FIFO residual byte present, cleared by popping the residual
byte into the SSI2 RX FIFO or by a new RX frame sync pulse.
2
RESFRM: Master / slave SSI2 RX FIFO residual byte present, cleared only by a new RX frame
sync pulse.
3
SS2RXFE: Master / slave SSI2 RX FIFO empty bit. This will be set if the 16 x 16 RX FIFO is
empty.
4
SS2TXFF: Master / slave SSI2 TX FIFO full bit. This will be set if the 16 x 16 TX FIFO is full. This
will get cleared when data is removed from the FIFO or the CS89712 is reset.
5
SS2TXUF: Master / slave SSI2 TX FIFO Underflow bit. This will be set if there is attempt to trans-
mit when TX FIFO is empty. This will be cleared when FIFO gets loaded with data.
6
CKMODE: This bit reflects the status of the CLKSEL (PE[2]) input, latched on power on reset.
This bit should be low.
11
UBUSY2: UART2 transmitter busy. This bit is set while UART2 is busy transmitting data; it is
guaranteed to remain set until the complete byte has been sent, including all stop bits.
22
URXFE2: UART2 receiver FIFO empty. The meaning of this bit depends on the state of the UFI-
FOEN bit in the UART2 bit rate and line control register. If the FIFO is disabled, this bit will be set
when the RX holding register contains is empty. If the FIFO is enabled, the URXFE bit will be set
when the RX FIFO is empty.
23
UTXFF2: UART2 transmit FIFO full. The meaning of this bit depends on the state of the UFI-
FOEN bit in the UART2 bit rate and line control register. If the FIFO is disabled, this bit will be set
when the TX holding register is full. If the FIFO is enabled, the UTXFF bit will be set when the TX
FIFO is full.
Table 41. SYSFLG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com