Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 43Page - Cirrus Logic CS89712 Datasheet HTML 44Page - Cirrus Logic CS89712 Datasheet HTML 45Page - Cirrus Logic CS89712 Datasheet HTML 46Page - Cirrus Logic CS89712 Datasheet HTML 47Page - Cirrus Logic CS89712 Datasheet HTML 48Page - Cirrus Logic CS89712 Datasheet HTML 49Page - Cirrus Logic CS89712 Datasheet HTML 50Page - Cirrus Logic CS89712 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 170 page
background image
CS89712
DS502PP2
47
2.25.3
LED Connection
Each LED output is capable of sinking 10 mA to
drive an LED directly through a series resistor. The
output voltage of each pin is less than 0.4 V when
the pin is low.
2.26 Media Access Control Engine
2.26.1
Overview
The CS89712’s Ethernet Media Access Control
(MAC) engine is fully compliant with the IEEE
802.3 Ethernet standard (ISO/IEC 8802-3, 1993). It
handles all aspects of Ethernet frame transmission
and reception, including: collision detection, pre-
amble generation and detection, and CRC genera-
tion and test. Programmable MAC features include
automatic retransmission on collision, and padding
of transmitted frames. The primary functions of the
MAC are: frame encapsulation and decapsulation;
error detection and handling; and, media access
management.
2.26.2
Frame Encapsulation/Decapsulation
The Ethernet port’s MAC engine automatically as-
sembles transmit packets and disassembles receive
packets. It also determines if transmit and receive
frames are of legal minimum size.
2.26.2.1
Transmission
Once the proper number of bytes have been trans-
ferred to the Ethernet port’s memory (either 5, 381,
1021 bytes, or full frame), and providing that ac-
cess to the network is permitted, the MAC automat-
ically transmits the 7-byte preamble (1010101b...),
followed by the Start-of-Frame Delimiter (SFD,
10101011b), and then the serialized frame data. It
then transmits the Frame Check Sequence (FCS).
The data after the SFD and before the FCS (Desti-
nation Address, Source Address, Length, and data
field) is supplied by the software. FCS generation
by the Ethernet port may be disabled by setting the
InhibitCRC bit (TxCMD register, bit C).
Figure 13 shows the Ethernet frame format.
2.26.2.2
Reception
The MAC receives the incoming packet as a serial
stream of NRZ data from the Manchester encod-
er/decoder. It begins by checking for the SFD.
Once the SFD is detected, the MAC assumes all
subsequent bits are frame data. It reads the DA and
compares it to the criteria programmed into the ad-
dress filter (see Section 2.32.7, “Receive Ethernet
Port Locations” for a description of Address Filter-
ing). If the DA passes the address filter, the frame
is loaded into the Ethernet port’s memory. If the
BufferCRC bit (RxCFG register, bit B) is set, the
received FCS is also loaded into memory. Once the
entire packet has been received, the MAC validates
the FCS. If an error is detected, the CRCerror bit
(RxEvent register, Bit C) is set.
1 byte
up to 7 bytes
6 bytes
6 bytes
2 bytes
LLC data
Pad
FCS
4 bytes
preamble
frame length
min 64 bytes
max 1518 bytes
alternating 1s / 0s
SFD
DA
SA
SFD = Start of Frame Delimiter
DA = Destination Address
SA = Source Address
Direction of Transmission
Frame
Packet
LLC = Logical Link Control
FCS = Frame Check Sequence (also
called Cyclic Redundancy Check, or CRC)
Length Field
Figure 13. Ethernet Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com