Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 101 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 101 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 97Page - Cirrus Logic CS89712 Datasheet HTML 98Page - Cirrus Logic CS89712 Datasheet HTML 99Page - Cirrus Logic CS89712 Datasheet HTML 100Page - Cirrus Logic CS89712 Datasheet HTML 101Page - Cirrus Logic CS89712 Datasheet HTML 102Page - Cirrus Logic CS89712 Datasheet HTML 103Page - Cirrus Logic CS89712 Datasheet HTML 104Page - Cirrus Logic CS89712 Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 170 page
background image
CS89712
DS502PP2
101
19:24
Pixel prescale: The pixel prescale field is a 6-bit field that sets the pixel rate prescale. The pixel
rate is always derived from a 36.864 MHz clock and is calculated from the formula:
Pixel rate (MHz) = 36.864 / (Pixel prescale + 1)
The pixel prescale value can be expressed in terms of the LCD size by the formula:
When the CS89712 is operating @ 18.432 MHz:
Pixel prescale = (36864000 / (Refresh Rate x Total pixels in display)) – 1
Refresh Rate is the screen refresh frequency (70 Hz to avoid flicker)
The value should be rounded down to the nearest whole number and zero is illegal and will result
in no pixel clock.
EXAMPLE: For a system being operated in the 18.432–73.728 MHz mode, with a 640 x 240
screen size, and 70 Hz screen refresh rate desired, the LCD Pixel prescale equals 36.864E6 /
(70 x 640x240) – 1 = 2.428
Rounding 2.428 down to the nearest whole number equals 2.
This gives an actual pixel rate of 36.864E6 / (2+1) = 12.288 MHz, which gives an actual refresh
frequency of 12.288E6 / (640x240) = 80 Hz.
Note: As the CL[2] low pulse time is doubled after every CL[1] high pulse this refresh frequency
is only an approximation, the accurate formula is 12.288E6 / ((640x240)+120) = 79.937 Hz.
25:29
AC prescale: The AC prescale field is a 5-bit number that sets the LCD AC bias frequency. This
frequency is the required AC bias frequency for a given manufacturer’s LCD plate. This fre-
quency is derived from the frequency of the line clock (CL[1]). The LCD M signal will toggle after
n+1 counts of the line clock (CL[1]) where n is the number programmed into the AC prescale
field. This number must be chosen to match the manufacturer’s recommendation. This is nor-
mally 13, but must not be exactly divisible by the number of lines in the display.
30
GSMD1: Grayscale mode bit number 1. Setting this bit enables 2 or 4 bits-per-pixel (01 or 11,
respectively) grayscaling. (Also see the GSMD2 bit definition.) Clearing this bit enables 1 bpp
(00) gray scaling only. Note: Gray scaling is always enabled when using the EP72xx LCD Con-
troller. Direct mapping of the frame buffer bits to the LCD display is not supported. However, this
can be accomplished by simply programming the palette register contents to correspond with the
frame buffer bit value (i.e., for 1 bpp (00) Direct mapping program the PALLSW register nibble
[3:0] with zeros, and nibble [7:4] with ones.)
31
GSMD2: Grayscale mode bit number 2. Setting this bit enables 4 bpp (11) gray scaling (15 gray
scales.) Clearing this bit enables 2 bits-per-pixel (01) gray scaling.
Bit
Description
Table 55. LCDCON (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com