Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 151Page - National Semiconductor (TI) PC87373 Datasheet HTML 152Page - National Semiconductor (TI) PC87373 Datasheet HTML 153Page - National Semiconductor (TI) PC87373 Datasheet HTML 154Page - National Semiconductor (TI) PC87373 Datasheet HTML 155Page - National Semiconductor (TI) PC87373 Datasheet HTML 156Page - National Semiconductor (TI) PC87373 Datasheet HTML 157Page - National Semiconductor (TI) PC87373 Datasheet HTML 158Page - National Semiconductor (TI) PC87373 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 174 page
background image
13.0 Device Characteristics (Continued)
155
www.national.com
Revision 1.1
13.2.7 Output, TTL/CMOS Compatible, Push-Pull Buffer
Symbol: Op/n
Output, TTL/CMOS Compatible, rail-to-rail push-pull buffer that is capable of sourcing p mA and sinking n mA
13.2.8 Output, TTL/CMOS Compatible, Open-Drain Buffer
Symbol: ODn
Output, TTL/CMOS-compatible open-drain output buffer capable of sinking n mA. Output from these signals is open-
drain and is never forced high.
13.2.9 Output, PCI 3.3V Compatible
Symbol: OPCI
13.2.10Analog Output
Symbol: AO
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
IOH = −50 µA
VSUP − 0.2
1
1. VSUP is VDD3 or VSB3 according to the output power well.
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = −500 µA
0.9 VDD3
V
VOL
Output Low Voltage
lout = 1500 µA
0.1 VDD3
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOR
Output Voltage Range
0
5.51
1. Not tested. Guaranteed by characterization.
V
VOD
Output Drive Voltage
lout = −3.6 mA
VSUP
2
− 150 mV
2. VSUP is VDD3 or VSB3 according to the pin power well.
lOL
Output Leakage Current
VOUT =VOR,VSUP <VOUT
203
3. This buffer type is excluded from the pins for which the total pins leakage of the device is maximum 10
µA.
Not tested. Guaranteed by characterization.
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com