Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 152Page - National Semiconductor (TI) PC87373 Datasheet HTML 153Page - National Semiconductor (TI) PC87373 Datasheet HTML 154Page - National Semiconductor (TI) PC87373 Datasheet HTML 155Page - National Semiconductor (TI) PC87373 Datasheet HTML 156Page - National Semiconductor (TI) PC87373 Datasheet HTML 157Page - National Semiconductor (TI) PC87373 Datasheet HTML 158Page - National Semiconductor (TI) PC87373 Datasheet HTML 159Page - National Semiconductor (TI) PC87373 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 174 page
background image
13.0 Device Characteristics (Continued)
156
www.national.com
Revision 1.1
13.2.11
Input/Output Switch, SMBus Compatible
Symbol: SWSM
13.2.12
Exceptions
1. All pins are 5V tolerant except for the pins with PCI (INPCI, OPCI) buffer types.
2. All pins are back-drive protected except for the output pins with PCI (OPCI) buffer types.
3. The following pins are excluded from the requirement of total pins leakage maximum 10
µA: V
SB5, REF5V,
REF5V_STBY, 3V_DDCSCL, 5V_DDCSCL, 3V_DDCSDA, 5V_DDCSDA, SMB1_SCL, SMB1_SDA, SMB2_SCL,
SMB2_SDA.
4. The following pins have an internal static pull-up resistor (when enabled) and therefore may have leakage current from
VSUP (when VIN = 0): LPCPD, ACK, AFD_DSTRB, ERR, INIT, PE, SLIN_ASTRB, STB_WRITE, KBRST, GA20, SIOPME,
JYABT0-1, JYBBT0-1, MDRX, GPIOE00-07, GPIOE10-13, PWRGD_PS, CPU_PRESENT, FPRST, PRIMARY_HD,
SECONDARY_HD, SCSI.
5. The following pins have an internal static pull-down resistor (when enabled) and therefore may have leakage current to
VSS (when VIN = VSUP): BUSY_WAIT, PE and SLCT.
6. The following strap pins have an internal static pull-up resistor enabled during Power-Up reset and therefore may have
leakage current to VSUP (when VIN = 0): BADDR, TRIS, TEST.
7. When VDD3 = 0V, the following pins present a DC load to VSS of 30 KΩ minimum (not tested, guaranteed by design) for
a pin voltage of 0V to 3.6V: CTS1, CTS2, DCD1, DCD2, DSR1, DSR2, DTR_BOUT1, DTR_BOUT2, RI1, RI2, RTS1,
RTS2, SIN1, SIN2, SOUT1, SOUT2.
8. Output from SLCT, BUSY_WAIT (and PE if bit 2 of PP Confg0 register is 0) is open-drain in all SPP modes except in
SPP-Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
9. Output from ACK, ERR (and PE if bit 2 of PP Confg0 register is set to 1) is open-drain in all SPP modes except in SPP-
Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is set to 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
10. Output from STB, AFD, INIT and SLIN is open-drain in all SPP modes, except in SPP-Compatible mode when the setup
mode is ECP-based (FIFO). Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be
used.
11. IOH is valid for a GPIO pin only when it is not configured as open-drain.
12. In XOR Tree mode, the buffer type of the input pins participating in the XOR Tree (see Section 2.4.2 on page 33) is INT
(Input, TTL compatible), regardless of the buffer type of these pins in normal device operation mode (see Section 1.4 on
page 16)
13.2.13
Terminology
Back-Drive Protection. A pin that is back-drive protected does not sink current into the supply when an input voltage higher
than the supply, but below the pin’s maximum input voltage, is applied to the pin. This is true even when the supply is inac-
tive. Note that active pull-up resistors and active output buffers are typically not back-drive protected.
5-Volt Tolerance. An input signal that is 5V tolerant can operate with input voltage of up to 5V even though the supply to
the device is only 3.3V. The actual maximum input voltage allowed to be supplied to the pin is indicated by the maximum
high voltage allowed for the input buffer. Note that some pins have multiple buffers, not all of which are 5V tolerant. In such
cases, there is a note that indicates at what conditions a 5V input may be applied to the pin; if there is no note, the low max-
imum voltage among the buffers is the maximum voltage allowed for the pin.
Symbol
Parameter
Conditions
Min
Max
Unit
VDRP
Pin-to-Pin Voltage Drop
ISW = ±3 mA, Switch Closed
1501
1. Not tested. Guaranteed by characterization.
mV
VISC
Input Voltage for Switch Closed
ISW = ±3mA
1.51
V
VISO
Input Voltage for Switch Open
ISW = ±20 µA
VSUP
2,3
2. VSUP is VDD3 or VSB3 according to the pin power well.
3. Not tested. Guaranteed by design.
V
IIL
Input Leakage Current
VISO <VIN < 5.5V
±201
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com