Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 157Page - National Semiconductor (TI) PC87373 Datasheet HTML 158Page - National Semiconductor (TI) PC87373 Datasheet HTML 159Page - National Semiconductor (TI) PC87373 Datasheet HTML 160Page - National Semiconductor (TI) PC87373 Datasheet HTML 161Page - National Semiconductor (TI) PC87373 Datasheet HTML 162Page - National Semiconductor (TI) PC87373 Datasheet HTML 163Page - National Semiconductor (TI) PC87373 Datasheet HTML 164Page - National Semiconductor (TI) PC87373 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 174 page
background image
13.0 Device Characteristics (Continued)
161
www.national.com
Revision 1.1
13.4.3 Clock Timing
High-Frequency Clock Timing
Figure 51. High-Frequency Clock Waveform Timing
Figure 52. CLOCKI14 and Internal 48 MHz Domain Timing
Symbol Figure
Clock Input Parameters
Reference
Conditions
CLOCKI14
Units
Min
Typ
Max
tCH
51
Clock High Pulse Width1
1. Not tested. Guaranteed by design.
29.5
ns
tCL
51
Clock Low Pulse Width1
29.5
ns
tCP
51
Clock Period1 (50%-50%)
69.14
69.84
70.54
ns
FCK
Clock Frequency
FCKTYP − 1%
14.31818
FCKTYP +1%
MHz
tCR
51
Clock Rise Time1 (20%-80%)
52
2. Recommended value
ns
tCF
51
Clock Fall Time1 (80%-20%)
52
ns
t14MW
52
Clock Wake-Up Time
VDD3 stable to clock
start toggling
System dependent
t14MVAL
52
Clock Valid Time1
Clock start toggling
to clock valid
System dependent
Sym. Fig.
Internal Clock Parameter
Reference
Conditions
INT48M
Units
Min
Typ
Max
tCP
51 Clock Period1 (50%-50%)
1. Not tested. Guaranteed by characterization.
20.83
ns
FCK
− Clock Frequency
48
MHz
t48MD 52 Clock Wake-Up Time1
After Clock
Generator enabled
500
µs
tCL
tCP
tCH
VIH
VIH
VIL
VIL
VIL
VIH
tCF
tCR
CLOCKI14
(14.31818 MHz)
t14MW
48 MHz Domain
VDD3 (Power)
VDD3ONmin
tCP (CLOCKI14)
t14MVAL
CKVALID bit
(Internal)
Enable Clock Generator
(Internal)
t48MD
tCP (48 MHz)
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com