Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 158Page - National Semiconductor (TI) PC87373 Datasheet HTML 159Page - National Semiconductor (TI) PC87373 Datasheet HTML 160Page - National Semiconductor (TI) PC87373 Datasheet HTML 161Page - National Semiconductor (TI) PC87373 Datasheet HTML 162Page - National Semiconductor (TI) PC87373 Datasheet HTML 163Page - National Semiconductor (TI) PC87373 Datasheet HTML 164Page - National Semiconductor (TI) PC87373 Datasheet HTML 165Page - National Semiconductor (TI) PC87373 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 174 page
background image
13.0 Device Characteristics (Continued)
162
www.national.com
Revision 1.1
Low-Frequency Clock Timing
Figure 53. CLOCKI32 Timing
Symbol Figure Clock Input Parameters Reference Conditions
CLOCKI32
Units
Min
Typ
Max
tCP
53
Clock Period1 (50%-50%)
1. Not tested. Guaranteed by design.
30.4871
30.517578
30.5481
µs
FCK
Clock Frequency
F32TYP − 0.1%
32.768
(F32TYP)
F32TYP + 0.1% KHz
t32KW
53
Clock wake-up time
VSB3 stable to clock
start toggling
System dependent2
2. If t32KW of the CLOCKI32 input is lower than 0.5 ms, use the 0.5 ms value in calculations involving the total
wake-up time of the low-frequency clock (t32KW + t32KVAL).
t32KVAL
53
Clock valid time1
Clock start toggling to
clock valid
256 * tCP
CLOCKI32
(32.768 KHz)
t32KW
VSB3 (Power)
VSB3ONmin
tCP
t32KVAL
(Internal)
32 KHz Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com