Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 166Page - National Semiconductor (TI) PC87373 Datasheet HTML 167Page - National Semiconductor (TI) PC87373 Datasheet HTML 168Page - National Semiconductor (TI) PC87373 Datasheet HTML 169Page - National Semiconductor (TI) PC87373 Datasheet HTML 170Page - National Semiconductor (TI) PC87373 Datasheet HTML 171Page - National Semiconductor (TI) PC87373 Datasheet HTML 172Page - National Semiconductor (TI) PC87373 Datasheet HTML 173Page - National Semiconductor (TI) PC87373 Datasheet HTML 174Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 170 / 174 page
background image
13.0 Device Characteristics (Continued)
170
www.national.com
Revision 1.1
13.4.8 Glue Function Timing
Highest Active Main and Standby Supply Reference
Figure 54. REF5V and REF5V_STBY (AC Characteristics)
Resume Reset
Symbol Figure
Description
Reference Conditions
Min
Max
Main
tPD
54
VDD3 to REF5V Propagation Delay
1
1. Not tested. Guaranteed by design.
VDD5 =0;VDD3 slew rate > 10 V/ms
1ms
Standby
tPD
54
VSB3 to REF5V_STBY Propagation Delay
1
VSB5 =0;VSB3 slew rate > 10 V/ms
1ms
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tRD
55
Rising Supply Delay1 (typ. 32 ms)
1. Not tested. Guaranteed by characterization.
VSB5 >VTRIP or VSB3 >VSB3ON
10
100
ms
tFD5
55
Falling VSB5 Supply Delay
1
VSB5 <VTRIP and VSB3 >VSB3ON
100
ns
tGA
55
VSB5 and VSB3 Glitch Allowance
1
VSB5 <VTRIP or VSB3 <VSB3ON
100
ns
tFD3
55
Falling VSB3 Supply Delay
1
VSB3 <VSB3ON and VSB5 >VTRIP
TBD
ns
tR
55
Rise Time2
2. Not tested. Guaranteed by design.
VSB3 >VSB3ON
100
ns
tF
55
Fall Time2
VSB3 >VSB3ON
100
ns
tPD
0V
1.5V
3.3V
VDD3, VSB3
REF5V, REF5V_STBY
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com