Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 166Page - National Semiconductor (TI) PC87373 Datasheet HTML 167Page - National Semiconductor (TI) PC87373 Datasheet HTML 168Page - National Semiconductor (TI) PC87373 Datasheet HTML 169Page - National Semiconductor (TI) PC87373 Datasheet HTML 170Page - National Semiconductor (TI) PC87373 Datasheet HTML 171Page - National Semiconductor (TI) PC87373 Datasheet HTML 172Page - National Semiconductor (TI) PC87373 Datasheet HTML 173Page - National Semiconductor (TI) PC87373 Datasheet HTML 174Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 172 / 174 page
background image
13.0 Device Characteristics (Continued)
172
www.national.com
Revision 1.1
Figure 56. BKFD_CUT and LATCHED_BF_CUT (AC Characteristics)
Main Power Supply Control
CNR Downstream Codec Dynamic Control
SMBus Voltage Translation and Isolation Timing
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPR
Rise Propagation Delay1
1. Not tested. Guaranteed by design.
CPU_PRESENT or SLP_S3 to RE of
PS_ON
1
µs
tPF
Fall Propagation Delay1
CPU_PRESENT or SLP_S3 to FE of
PS_ON
1
µs
tR
Rise Time1
0.8V to 2.0V
50
ns
tF
Fall Time1
0.8V to 2.0V
50
ns
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPD
Propagation Delay1
1. Not tested. Guaranteed by characterization.
AUD_LINK_RST to
CDC_DWN_RST
30
ns
tTR
Transition Time1
0.8V to 2.0V
15
ns
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC87373 device expects from the system; an “Output” type is a value the
PC87373 device provides to the system.
Min
Max
Unit
tSMBR
Rise Time (all signals)
Input
10002,3
2. Test conditions: RL = 1 KΩ to VDD3 = 3.3V, or RL = 1.5 KΩ to VDD5 = 5V and CL = 400 pF to GND.
3. Not tested. Guaranteed by design.
ns
tSMBF
Fall Time (all signals)
Input
2503
ns
Output
3002,4
4. Not tested. Guaranteed by characterization.
ns
tSMBD
Propagation Delay (each signal pair, in both
directions)
Output
5002,4
ns
0.8V
1.4V
2.0V
SLP_S5
BKFD_CUT
LATCHED_BF_CUT
tPL
tTL
0.8V
tPL
1.4V
tTL
2.0V
tPL
tPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com