Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 42Page - Cirrus Logic WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic WM8281ECS/R Datasheet HTML 48Page - Cirrus Logic WM8281ECS/R Datasheet HTML 49Page - Cirrus Logic WM8281ECS/R Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 392 page
background image
WM8281
46
Rev 4.0
INPUT SIGNAL PATH
The WM8281 has eight highly flexible input channels. Selectable combinations of up to six analogue
(mic or line) or eight digital input configurations are supported.
The analogue input paths support single-ended and differential modes, programmable gain control
and are digitised using a high performance 24-bit sigma-delta ADC.
The digital input paths interface directly with external digital microphones; a separate microphone
interface clock is provided for 4 separate stereo pairs of digital microphones. Digital delay can be
applied to any of the digital input paths; this can be used for phase adjustment of any digital input,
including directional control of multiple microphones.
Three microphone bias (MICBIAS) generators are available, which provide a low noise reference for
biasing electret condenser microphones (ECMs) or for use as a low noise supply for MEMS
microphones and digital microphones.
Digital volume control is available on all inputs (analogue and digital), with programmable ramp
control for smooth, glitch-free operation. Any pair of analogue or digital inputs may be selected as
input to the Ambient Noise Cancellation (ANC) processing function.
The IN1L and IN1R input signal paths and control registers are illustrated in Figure 13. The IN2 and
IN3 signal paths are equivalent to the IN1 signal path. The IN4 signal path supports digital
microphone input only.
IN1L_PGA_VOL [6:0]
ADC
IN1_MODE [1:0]
00 = Differential IN1xP
– IN1xN
01 = Single-ended IN1xP (non-inverting)
10 = Digital Microphone
11 = Reserved
IN1L_ENA
IN1R_ENA
IN1RN/DMICDAT1
IN1RP
ADC
IN1LN/DMICCLK1
IN1LP
IN1R_PGA_VOL [6:0]
IN1_DMIC_SUP [1:0]
IN1L_DMIC_DLY [5:0]
IN1R_DMIC_DLY [5:0]
IN1_OSR
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
IN1L_VOL [7:0]
IN1R_VOL [7:0]
CLK
DAT
IN1L_HPF
IN1R_HPF
IN_HPF_CUT[2:0]
Digital Mic
Interface
Figure 13 Input Signal Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com