Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 11Page - Cirrus Logic WM8281ECS/R Datasheet HTML 12Page - Cirrus Logic WM8281ECS/R Datasheet HTML 13Page - Cirrus Logic WM8281ECS/R Datasheet HTML 14Page - Cirrus Logic WM8281ECS/R Datasheet HTML 15Page - Cirrus Logic WM8281ECS/R Datasheet HTML 16Page - Cirrus Logic WM8281ECS/R Datasheet HTML 17Page - Cirrus Logic WM8281ECS/R Datasheet HTML 18Page - Cirrus Logic WM8281ECS/R Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 392 page
background image
WM8281
Rev 4.0
15
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
See notes 2, 3, 4
DCVDD
1.14
1.2
1.26
V
Digital supply range (I/O)
See note 5
DBVDD1, DBVDD2,
DBVDD3
1.62
3.6
V
LDO supply range
See note 13
LDOVDD
1.71
1.8
1.89
V
Charge Pump supply range
CPVDD
1.71
1.8
1.89
V
Speaker supply range
SPKVDDL, SPKVDDR
2.4
5.5
V
Analogue supply range
See notes 2, 6, 7
AVDD
1.71
1.8
1.89
V
Microphone Bias supply
See note 8
MICVDD
0.9
2.5
3.78
V
Ground
See note 1
DGND, AGND, CPGND,
SPKGNDL, SPKGNDR,
SUBGND
0
V
Power supply rise time
See notes 9, 10, 11, 12
DCVDD
10
2000
µs
All other supplies
10
Operating temperature range
TA
-40
85
°C
Notes:
1.
The impedance between DGND, AGND, CPGND and SUBGND should be less than 0.1
Ω.The impedance between SPKGNDL,
SPKGNDR and SUBGND should be less than 0.2
Ω.
2.
AVDD must be supplied before or simultaneously to DCVDD. DCVDD must not be powered if AVDD is not present. There are
no other power sequencing requirements.
3.
An internal LDO (powered by LDOVDD) can be used to provide the DCVDD supply.
4.
‘Sleep’ mode is supported when DCVDD is below the limits noted, provided AVDD and DBVDD1 are present.
5.
If the SLIMbus interface is enabled, then the maximum DBVDD1 voltage is 1.98V.
6.
The AVDD1 and AVDD2 pins should be tied together. The associated power domain is referred to as AVDD.
7.
The AGND1 and AGND2 pins should be tied together. The associated ground domain is referred to as AGND.
8.
An internal Charge Pump and LDO (powered by CPVDD) provide the Microphone Bias supply; the MICVDD pin should not be
connected to an external supply.
9.
DCVDD and MICVDD minimum rise times do not apply when these domains are powered using the internal LDOs.
10. If DCVDD is supplied externally, and the rise time exceeds 2ms, then RESET
¯¯¯¯¯¯ must be asserted (low) during the rise, and held
asserted until after DCVDD is within the recommended operating limits.
11. The specified minimum power supply rise times assume a minimum decoupling capacitance of 100nF per pin. However, Cirrus
Logic strongly advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout
guidelines are observed.
12. The specified minimum power supply rise times also assume a maximum PCB inductance of 10nH between decoupling
capacitor and pin.
13. When the internal LDO is used to provide the DCVDD supply, then the LDOVDD supply must be suitably rated for the inrush
current at start-up and wake-up. In the typical configuration, using the internal LDO, and with the LDOVDD / CPVDD / AVDD
domains connected to a single supply, a peak current capability of 500mA is required on this supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com