Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 80 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 80 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic WM8281ECS/R Datasheet HTML 78Page - Cirrus Logic WM8281ECS/R Datasheet HTML 79Page - Cirrus Logic WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic WM8281ECS/R Datasheet HTML 83Page - Cirrus Logic WM8281ECS/R Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 392 page
background image
WM8281
80
Rev 4.0
Dynamic Characteristics
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the average (RMS) signal amplitude over a period of time.
The DRCn_ATK determines how quickly the DRC gain decreases when the signal amplitude is high.
The DRCn_DCY determines how quickly the DRC gain increases when the signal amplitude is low.
These register fields are described in Table 15. Note that the register defaults are suitable for general
purpose microphone use.
Anti-Clip Control
The DRC includes an Anti-Clip feature to avoid signal clipping when the input amplitude rises very
quickly. This feature uses a feed-forward technique for early detection of a rising signal level. Signal
clipping is avoided by dynamically increasing the gain attack rate when required. The Anti-Clip feature
is enabled using the DRCn_ANTICLIP bit.
Note that the feed-forward processing increases the latency in the input signal path.
Note that the Anti-Clip feature operates entirely in the digital domain. It cannot be used to prevent
signal clipping in the analogue domain nor in the source signal. Analogue clipping can only be
prevented by reducing the analogue signal gain or by adjusting the source signal.
Quick Release Control
The DRC includes a Quick-Release feature to handle short transient peaks that are not related to the
intended source signal. For example, in handheld microphone recording, transient signal peaks
sometimes occur due to user handling, key presses or accidental tapping against the microphone.
The Quick Release feature ensures that these transients do not cause the intended signal to be
masked by the longer time constant of DRCn_DCY.
The Quick-Release feature is enabled by setting the DRCn_QR bit. When this bit is enabled, the DRC
measures the crest factor (peak to RMS ratio) of the input signal. A high crest factor is indicative of a
transient peak that may not be related to the intended source signal. If the crest factor exceeds the
level set by DRCn_QR_THR, then the normal decay rate (DRCn_DCY) is ignored and a faster decay
rate (DRCn_QR_DCY) is used instead.
Signal Activity Detect
The DRC incorporates a configurable signal detect function, allowing the signal level at the DRC input
to be monitored and to be used to trigger other events. This can be used to detect the presence of a
microphone signal on an ADC or digital mic channel, or can be used to detect an audio signal
received over the digital audio interface.
The DRC Signal Detect function is enabled by setting DRCn_SIG_DET register bit. (Note that the
respective DRCn must also be enabled.) The detection threshold is either a Peak level (Crest Factor)
or an RMS level, depending on the DRCn_SIG_DET_MODE register bit. When Peak level is selected,
the threshold is determined by DRCn_SIG_DET_PK, which defines the applicable Crest Factor (Peak
to
RMS
ratio)
threshold.
If
RMS
level
is
selected,
then
the
threshold
is
set
using
DRCn_SIG_DET_RMS.
The DRC Signal Detect function is an input to the Interrupt control circuit and can be used to trigger
an Interrupt event -
see “Interrupts”.
The DRC Signal Detect signal can be output directly on a GPIO pin as an external indication of the
Signal Detection
. See “General Purpose Input / Output” to configure a GPIO pin for this function.
The Control Write Sequencer can be triggered by the DRC1 Signal Detect function. This is enabled
using the DRC1_WSEQ_SIG_DET_ENA register bit. See “Control Write Sequencer” for further
details.
Note that signal detection is supported on DRC1 and DRC2, but the triggering of the Control Write
Sequencer is available on DRC1 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com