Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 78 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 78 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 74Page - Cirrus Logic WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic WM8281ECS/R Datasheet HTML 78Page - Cirrus Logic WM8281ECS/R Datasheet HTML 79Page - Cirrus Logic WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 392 page
background image
WM8281
78
Rev 4.0
asynchronous and/or configured for a different sample rate.
The DRC functions are enabled using the control registers described in Table 13.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3712
(0E80h)
DRC1 ctrl1
1
DRC1L_ENA
0
DRC1 (Left) Enable
0 = Disabled
1 = Enabled
0
DRC1R_ENA
0
DRC1 (Right) Enable
0 = Disabled
1 = Enabled
R3721
(0E89h)
DRC2 ctrl1
1
DRC2L_ENA
0
DRC2 (Left) Enable
0 = Disabled
1 = Enabled
0
DRC2R_ENA
0
DRC2 (Right) Enable
0 = Disabled
1 = Enabled
Table 13 DRC Enable
The following description of the DRC is applicable to each of the DRCs. The associated register
control fields are described in Table 15 and Table 16 for DRC1 and DRC2 respectively.
DRC Compression / Expansion / Limiting
The DRC supports two different compression regions, separated by a “Knee” at a specific input
amplitude. In the region above the knee, the compression slope DRCn_HI_COMP applies; in the
region below the knee, the compression slope DRCn_LO_COMP applies.
(Note that ‘n’ identifies the
applicable DRC 1 or 2.)
The DRC also supports a noise gate region, where low-level input signals are heavily attenuated. This
function can be enabled or disabled according to the application requirements. The DRC response in
this region is defined by the expansion slope DRCn_NG_EXP.
For additional attenuation of signals in the noise gate region, an additional “knee” can be defined
(shown as “Knee2” in Figure 31). When this knee is enabled, this introduces an infinitely steep drop-
off in the DRC response pattern between the DRCn_LO_COMP and DRCn_NG_EXP regions.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 31.
DRCn_KNEE_IP
(Y0)
0dB
DRC
n_H
I_CO
MP
DR
Cn
_L
O_
CO
MP
DRCn Input Amplitude (dB)
DRCn Output Amplitude (dB)
DRCn_KNEE_OP
Knee1
Knee2
DRCn_KNEE2_IP
DRCn_KNEE2_OP
Figure 31 DRC Response Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com