Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 28Page - Cirrus Logic WM8281ECS/R Datasheet HTML 29Page - Cirrus Logic WM8281ECS/R Datasheet HTML 30Page - Cirrus Logic WM8281ECS/R Datasheet HTML 31Page - Cirrus Logic WM8281ECS/R Datasheet HTML 32Page - Cirrus Logic WM8281ECS/R Datasheet HTML 33Page - Cirrus Logic WM8281ECS/R Datasheet HTML 34Page - Cirrus Logic WM8281ECS/R Datasheet HTML 35Page - Cirrus Logic WM8281ECS/R Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 392 page
background image
WM8281
32
Rev 4.0
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Clocking
SYSCLK frequency
SYSCLK_FREQ=000, SYSCLK_FRAC=0
-1%
6.144
+1%
MHz
SYSCLK_FREQ=000, SYSCLK_FRAC=1
-1%
5.6448
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=0
-1%
12.288
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=1
-1%
11.2896
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=0
-1%
24.576
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=1
-1%
22.5792
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=0
-1%
49.152
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=1
-1%
45.1584
+1%
SYSCLK_FREQ=100, SYSCLK_FRAC=0
-1%
73.728
+1%
SYSCLK_FREQ=100, SYSCLK_FRAC=1
-1%
67.7376
+1%
SYSCLK_FREQ=101, SYSCLK_FRAC=0
-1%
98.304
+1%
SYSCLK_FREQ=101, SYSCLK_FRAC=1
-1%
90.3168
+1%
SYSCLK_FREQ=110, SYSCLK_FRAC=0
-1%
147.456
+1%
SYSCLK_FREQ=110, SYSCLK_FRAC=1
-1%
135.4752
+1%
ASYNCCLK frequency
ASYNC_CLK_FREQ=000
-1%
6.144
+1%
MHz
-1%
5.6448
+1%
ASYNC_CLK_FREQ=001
-1%
12.288
+1%
-1%
11.2896
+1%
ASYNC_CLK_FREQ=010
-1%
24.576
+1%
-1%
22.5792
+1%
ASYNC_CLK_FREQ=011
-1%
49.152
+1%
-1%
45.1584
+1%
Note:
When MCLK1 or MCLK2 is selected as a source for SYSCLK or ASYNCCLK (either directly or via one of the FLLs), the frequency
must be within 1% of the applicable SYSCLK_FREQ or ASYNCCLK_FREQ register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com