Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 84 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 84 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic WM8281ECS/R Datasheet HTML 83Page - Cirrus Logic WM8281ECS/R Datasheet HTML 84Page - Cirrus Logic WM8281ECS/R Datasheet HTML 85Page - Cirrus Logic WM8281ECS/R Datasheet HTML 86Page - Cirrus Logic WM8281ECS/R Datasheet HTML 87Page - Cirrus Logic WM8281ECS/R Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 392 page
background image
WM8281
84
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:6
DRC1_QR_DCY
[1:0]
00
DRC1 Quick-release decay rate
(seconds/6dB)
00 = 0.725ms
01 = 1.45ms
10 = 5.8ms
11 = Reserved
5:3
DRC1_HI_COM
P [2:0]
011
DRC1 Compressor slope (upper
region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
2:0
DRC1_LO_COM
P [2:0]
000
DRC1 Compressor slope (lower
region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
R3715
(0E83h)
DRC1 ctrl4
10:5
DRC1_KNEE_IP
[5:0]
000000
DRC1 Input signal level at the
Compressor ‘Knee’.
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
4:0
DRC1_KNEE_O
P [4:0]
00000
DRC1 Output signal at the
Compressor ‘Knee’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
R3716
(0E84h)
DRC1 ctrl5
9:5
DRC1_KNEE2_I
P [4:0]
00000
DRC1 Input signal level at the Noise
Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when
DRC1_NG_ENA = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com