Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 26Page - Cirrus Logic WM8281ECS/R Datasheet HTML 27Page - Cirrus Logic WM8281ECS/R Datasheet HTML 28Page - Cirrus Logic WM8281ECS/R Datasheet HTML 29Page - Cirrus Logic WM8281ECS/R Datasheet HTML 30Page - Cirrus Logic WM8281ECS/R Datasheet HTML 31Page - Cirrus Logic WM8281ECS/R Datasheet HTML 32Page - Cirrus Logic WM8281ECS/R Datasheet HTML 33Page - Cirrus Logic WM8281ECS/R Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 392 page
background image
WM8281
30
Rev 4.0
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
INPUT
OUTPUT
DIGITAL CORE
AIF to DAC Stereo Path
Digital input (AIFn) to analogue
output (HPOUT).
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
358µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
391µs
fs = 16kHz
fs = 16kHz
Synchronous
720µs
fs = 8kHz
fs = 8kHz
Synchronous
1428µs
fs = 8kHz
fs = 44.1kHz
Asynchronous
1940µs
fs = 16kHz
fs = 44.1kHz
Asynchronous
1240µs
ADC to AIF Stereo Path
Analogue input (INn) to digital
output (AIFn).
Digital core High Pass filter
included in signal path.
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
244µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
260µs
fs = 16kHz
fs = 16kHz
Synchronous
890µs
fs = 8kHz
fs = 8kHz
Synchronous
1856µs
fs = 44.1kHz
fs = 8kHz
Asynchronous
1320µs
fs = 44.1kHz
fs = 16kHz
Asynchronous
820µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com