Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 29Page - Cirrus Logic WM8281ECS/R Datasheet HTML 30Page - Cirrus Logic WM8281ECS/R Datasheet HTML 31Page - Cirrus Logic WM8281ECS/R Datasheet HTML 32Page - Cirrus Logic WM8281ECS/R Datasheet HTML 33Page - Cirrus Logic WM8281ECS/R Datasheet HTML 34Page - Cirrus Logic WM8281ECS/R Datasheet HTML 35Page - Cirrus Logic WM8281ECS/R Datasheet HTML 36Page - Cirrus Logic WM8281ECS/R Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 392 page
background image
WM8281
Rev 4.0
33
AUDIO INTERFACE TIMING
DIGITAL MICROPHONE (DMIC) INTERFACE TIMING
(left data)
(right data)
DMICDAT
(input)
VIL
VIH
tRH
tRSU
tLH
tLSU
VOL
DMICCLK
(output)
tCY
VOH
tr
tf
Figure 2 Digital Microphone Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Microphone Interface Timing
DMICCLKn cycle time
tCY
160
163
1432
ns
DMICCLKn duty cycle
45
55
%
DMICCLKn rise/fall time (25pF load, 1.8V supply - see note)
tr, tf
5
30
ns
DMICDATn (Left) setup time to falling DMICCLK edge
tLSU
15
ns
DMICDATn (Left) hold time from falling DMICCLK edge
tLH
0
ns
DMICDATn (Right) setup time to rising DMICCLK edge
tRSU
15
ns
DMICDATn (Right) hold time from rising DMICCLK edge
tRH
0
ns
Notes:
DMICDATn and DMICCLKn are each referenced to a selectable supply, VSUP.
The applicable supply is selected using the INn_DMIC_SUP registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com